Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VND5N07 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce VND5N07
Description  fully autoprotected Power MOSFET
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5N07 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button VND5N07 Datasheet HTML 16Page - STMicroelectronics VND5N07 Datasheet HTML 17Page - STMicroelectronics VND5N07 Datasheet HTML 18Page - STMicroelectronics VND5N07 Datasheet HTML 19Page - STMicroelectronics VND5N07 Datasheet HTML 20Page - STMicroelectronics VND5N07 Datasheet HTML 21Page - STMicroelectronics VND5N07 Datasheet HTML 22Page - STMicroelectronics VND5N07 Datasheet HTML 23Page - STMicroelectronics VND5N07 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
VND5N07
Package and packing information
21/24
4.4
ISOWATT220 mechanical data
Figure 32.
ISOWATT220 mechanical data and package outline
Table 12.
ISOWATT220 mechanical data
Symbol
mm
Min.
Typ.
Max.
A4.4
4.6
B2.5
2.7
D
2.5
2.75
E0.4
0.7
F0.75
1
F1
1.15
1.7
F2
1.15
1.7
G
4.95
5.2
G1
2.4
2.7
H10
10.4
L2
16
L3
28.6
30.6
L4
9.8
10.6
L6
15.9
16.4
L7
9
9.3
33.2
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24