| Moteur de recherche de fiches techniques de composants électroniques |
|
LP0701 Fiches technique(PDF) 5 Page - Supertex, Inc |
|
|
|||||||||||||||||||||||||||||
LP0701 Fiches technique(HTML) 5 Page - Supertex, Inc |
|
5 / 6 page ![]() 5 LP0701 Supertex inc. ● 1235 Bordeaux Drive, Sunnyvale, CA 94089 ● Tel: 408-222-8888 ● www.supertex.com 1 8 Seating Plane Gauge Plane L L1 L2 E E1 D e b A A2 A1 Seating Plane A A Top View Side View View B View B θ1 θ Note 1 (Index Area D/2 x E1/2) View A-A h h Note 1 Symbol A A1 A2 b D E E1 e h L L1 L2 θ θ1 Dimension (mm) MIN 1.35* 0.10 1.25 0.31 4.80* 5.80* 3.80* 1.27 BSC 0.25 0.40 1.04 REF 0.25 BSC 0O 5O NOM - - - - 4.90 6.00 3.90 - - - - MAX 1.75 0.25 1.65* 0.51 5.00* 6.20* 4.00* 0.50 1.27 8O 15O JEDEC Registration MS-012, Variation AA, Issue E, Sept. 2005. * This dimension is not specified in the JEDEC drawing. Drawings are not to scale. Supertex Doc. #: DSPD-8SOLGTG, Version I041309. Note: This chamfer feature is optional. A Pin 1 identifier must be located in the index area indicated. The Pin 1 identifier can be: a molded mark/identifier; an embedded metal marker; or a printed indicator. 1. |