Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HD74ACT374 Fiches technique(PDF) 3 Page - Hitachi Semiconductor

No de pièce HD74ACT374
Description  Octal D-Type Flip-Flops with 3-State Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74ACT374 Fiches technique(HTML) 3 Page - Hitachi Semiconductor

  HD74ACT374 Datasheet HTML 1Page - Hitachi Semiconductor HD74ACT374 Datasheet HTML 2Page - Hitachi Semiconductor HD74ACT374 Datasheet HTML 3Page - Hitachi Semiconductor HD74ACT374 Datasheet HTML 4Page - Hitachi Semiconductor HD74ACT374 Datasheet HTML 5Page - Hitachi Semiconductor HD74ACT374 Datasheet HTML 6Page - Hitachi Semiconductor HD74ACT374 Datasheet HTML 7Page - Hitachi Semiconductor HD74ACT374 Datasheet HTML 8Page - Hitachi Semiconductor HD74ACT374 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
HD74AC374/HD74ACT374
3
Functional Description
The HD74AC374/HD74ACT374 consists of eight edge-triggered flip-flops with individual D-type inputs
and 3-state true outputs. The buffered clock and buffered Output Enable are common to all flip-flops. The
eight flip-flops will store the state of their individual D inputs that meet the setup and hold time
requirements on the Low-to-High Clock (CP) transition. With the Output Enable (
OE) Low, the contents
of the eight flip-flops are available at the outputs. When the
OE is High, the outputs go to the high
impedance state. Operation of the
OE input does not affect the state of the flip-flops.
Truth Table
Inputs
Outputs
D
n
CP
OE
O
n
H
LH
L
LL
XX
H
Z
H :
High Voltage Level
L
:
Low Voltage Level
X :
Immaterial
Z
:
High Impedance
: Low-to-High Transition
Logic Diagram
O7
D7
CP
QQ
D
O6
D6
CP
QQ
D
O5
D5
CP
QQ
D
O4
D4
CP
QQ
D
O3
D3
CP
QQ
D
O2
D2
CP
QQ
D
O1
D1
CP
QQ
D
O0
D0
CP
OE
CP
QQ
D
Please note that this diagram is provided only for the understanding of logic operations and should not be
used to estimate propagation delays.



Html Pages

1 2 3 4 5 6 7 8 9 10 11