| Moteur de recherche de fiches techniques de composants électroniques |
|
MF-USMF005 Fiches technique(PDF) 3 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
MF-USMF005 Fiches technique(HTML) 3 Page - Bourns Electronic Solutions |
|
3 / 4 page ![]() “freeXpansion Design” is a trademark of Bourns, Inc. Specifications are subject to change without notice. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Users should verify actual device performance in their specific applications. MF-USMF Series - PTC Resettable Fuses Typical Time to Trip at 23 ˚C The Time to Trip curves represent typical performance of a device in a simulated application environment. Actual performance in specific customer applications may differ from these values due to the influence of other variables. Thermal Derating Chart - Ihold (Amps) Model Ambient Operating Temperature -40 ˚C -20 ˚C 0 ˚C 23 ˚C 40 ˚C 50 ˚C 60 ˚C 70 ˚C 85 ˚C MF-USMF005 0.08 0.07 0.06 0.05 0.04 0.04 0.03 0.03 0.02 MF-USMF010 0.15 0.13 0.12 0.10 0.09 0.08 0.07 0.06 0.05 MF-USMF020 0.32 0.28 0.24 0.20 0.18 0.16 0.14 0.12 0.10 MF-USMF035 0.51 0.46 0.40 0.34 0.30 0.27 0.24 0.22 0.18 MF-USMF050 0.76 0.66 0.58 0.48 0.42 0.38 0.35 0.29 0.23 MF-USMF075 1.10 0.97 0.86 0.72 0.64 0.58 0.55 0.47 0.39 MF-USMF110 1.60 1.42 1.26 1.10 0.94 0.86 0.80 0.70 0.58 MF-USMF150 2.30 2.02 1.76 1.43 1.24 1.11 1.00 0.85 0.65 MF-USMF175X 2.80 2.45 2.10 1.75 1.55 1.45 1.35 1.25 1.10 0.001 0.01 0.1 1 10 100 0.1 1 10 100 Fault Current (Amps) MF-USMF010 MF-USMF020 MF-USMF035 MF-USMF050 MF-USMF150 MF-USMF175X MF-USMF110 MF-USMF075 MF-USMF005 How to Order MF - USMF 010 X - 2 Multifuse® Product Designator Series USMF = 1210 Surface Mount Component Hold Current, Ihold 005-175 (0.05-1.75 Amps) Multifuse® freeXpansion™ Design Packaging Packaged per EIA 481-1 -2 = Tape and Reel Typical Part Marking Represents total content. Layout may vary. PART IDENTIFICATION: MF-USMF005 = 0 MF-USMF010 = 1 MF-USMF020 = 2 MF-USMF035 = 3 MF-USMF050 = 4 MF-USMF075 = 5 MF-USMF110 = 6 MF-USMF150 = 8 MF-USMF175X = 9 BIWEEKLY DATE CODE: WEEK 1 AND 2 = A WEEK 51 AND 52 = Z 6 A UNDERSCORE SIGNIFIES HALOGEN FREE COMPLIANCE MF-USMF SERIES, REV. N, 09/13 |