| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8987 Fiches technique(PDF) 4 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8987 Fiches technique(HTML) 4 Page - Wolfson Microelectronics plc |
|
4 / 59 page ![]() WM8987L Production Data w PD Rev 4.0 August 2008 4 PIN CONFIGURATION ORDERING INFORMATION ORDER CODE TEMPERATURE RANGE PACKAGE MOISTURE SENSITIVITY LEVEL PEAK SOLDERING TEMPERATURE WM8987LGECO/V -25°C to +85°C 28-lead COL QFN (4x4mm) (Pb-free) MSL3 260°C WM8987LGECO/RV -25°C to +85°C 28-lead COL QFN (4x4mm) (Pb-free, tape and reel) MSL3 260°C Note: Reel quantity = 3,500 |