Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP92 Fiches technique(PDF) 2 Page - Tumbler Technologies + TRUMPower

No de pièce TMP92
Description  90 Watts Medical Grade Power Adapters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRUMPOWER [Tumbler Technologies + TRUMPower]
Site Internet  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TMP92 Fiches technique(HTML) 2 Page - Tumbler Technologies + TRUMPower

  TMP92 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TMP92 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TMP92 Series
90 Watts Medical Grade Power Adapters
TMP92_2014-10-01
MECHANICAL SPECIFICATIONS
Unit: inch [mm]
Tolerance: 0.02 [0.5] maximum
Weight:
NOTES:
1. The output connector shown is for reference only. Please contact TRUMPower to order the connector that meets your requirements.
AC INPUT
IEC 320/C6 INLET
(CLASS I)
AC INPUT
IEC 320/C8 INLET
(CLASS II)



Html Pages

1 2