| Moteur de recherche de fiches techniques de composants électroniques |
|
QFBR-R531Z Fiches technique(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
QFBR-R531Z Fiches technique(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED |
|
1 / 4 page ![]() PCN: V11-016-E47540-MA Product Change Notice Issue Date: July 29, 2011 Change Type: Receivers - Change to improved mold compound - Change to alternate photo diode source - Change of Lead frame base material Transmitters - Change to improved mold compound Description and Extent of Change: 1. Qualify improved mold compound to achieve better moisture sensitivity level (from MSL 4 to MSL 3) Parts Affected: HFBR-1505AFZ HFBR-1505AZ HFBR-1505CFZ HFBR-1505CZ HFBR-1506AFZ HFBR-1506AMZ HFBR-1515BFZ HFBR-1515BZ HFBR-1517Z HFBR-1520Z HFBR-1521Z HFBR-1522Z HFBR-1523Z HFBR-1524Z HFBR-1525EZ HFBR-1526Z HFBR-1527Z HFBR-1528Z HFBR-1531Z HFBR-1532Z HFBR-1533Z HFBR-1537Z QFBR-1548Z QFBR-1549Z QFBR-1551Z QFBR-1561Z QFBR-1570Z QFBR-1573Z QFBR-1585Z QFBR-T081Z QFBR-T501Z QFBR-T515EZ QFBR-T518Z QFBR-T519Z QFBR-T521Z QFBR-T531Z QFBR-TT02Z QFBR-TT03Z QFBR-TT06Z QFBR-TT09Z QFBR-521TZ QFBR-T631Z |
Numéro de pièce similaire - QFBR-R531Z |
|
Description similaire - QFBR-R531Z |