Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

QBLP679-RK Fiches technique(PDF) 11 Page - List of Unclassifed Manufacturers

No de pièce QBLP679-RK
Description  PLCC6 LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

QBLP679-RK Fiches technique(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button QBLP679-RK Datasheet HTML 4Page - List of Unclassifed Manufacturers QBLP679-RK Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP679-RK Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP679-RK Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP679-RK Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP679-RK Datasheet HTML 9Page - List of Unclassifed Manufacturers QBLP679-RK Datasheet HTML 10Page - List of Unclassifed Manufacturers QBLP679-RK Datasheet HTML 11Page - List of Unclassifed Manufacturers QBLP679-RK Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
QBLP679-XXK_series
PLCC6 LED
---------------------------------------------------------------------------------------------------------------------------------------
Product: QBLP679-XXK_series
Date: March 27, 2014
Page 11 of 12
Version# 2.0
Labeling
Ordering Information
Part #
Orderable Part #
Spec Range
Quantity per reel
QBLP679-IBK
QBLP679-IBK
Iv=1100mcd typ. @ 60mA /
Color=462.5-472.5nm
1,000 units
QBLP679-IGK
QBLP679-IGK
Iv=4700mcd typ. @ 60mA /
Color=520-535nm
1,000 units
QBLP679-RK
QBLP679-RK
Iv=630mcd typ. @ 60mA /
Color=620-630nm
1,000 units
QBLP679-YK
QBLP679-YK
Iv=1600mcd typ. @ 60mA /
Color=585-595nm
1,000 units
QBLP679-OK
QBLP679-OK
Iv=780mcd typ. @ 60mA/
Color=600-615nm
1,000 units
QBLP679-SK
QBLP679-SK
Iv =220mcd typ. @ 60mA/
Color=630-650nm
1,000 units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12