Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

QBLP676-R Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce QBLP676-R
Description  U LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

QBLP676-R Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  QBLP676-R Datasheet HTML 1Page - List of Unclassifed Manufacturers QBLP676-R Datasheet HTML 2Page - List of Unclassifed Manufacturers QBLP676-R Datasheet HTML 3Page - List of Unclassifed Manufacturers QBLP676-R Datasheet HTML 4Page - List of Unclassifed Manufacturers QBLP676-R Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP676-R Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP676-R Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP676-R Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP676-R Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
QBLP676_series
U LED
Product: QBLP676_series
Date: March 08, 2011
Page 2 of 9
Version# 1.0
Electrical / Optical Characteristic (T=25 oC)
Product
Color
IF(mA)
VF(V)
λD (nm)
IV(mcd)
Typ.
max
Min.
Typ.
Max.
min
typ.
QBLP676-IB
Blue
20
3.2
3.8
460
---
475
140
300
QBLP676-IG
True Green
20
3.2
3.8
515
---
535
450
900
QBLP676-R
Red
20
2.0
2.4
620
---
635
140
210
QBLP676-AG
Yellow Green
20
2.0
2.4
564
---
576
70
100
QBLP676-Y
Yellow
20
2.0
2.4
582
---
597
90
170
Chromaticity
X
Y
QBLP676-IW
White
20
3.2
3.8
0.3219
---
0.3381
1800
2250
Absolute Maximum Rating
Part #
Pd (mW)
IF (mA) IFP (mA)* VR (V)
TOP (
oC)
TST (
oC) T
SOL (
oC)**
InGaN ( IB/IG/IW )
120
30
100
5
-30 - 80
-40 - 100
260
AlInGaP ( R/AG/Y)
100
30
100
5
-30 - 80
-40 - 100
260
*Duty 1/10 @ 10KHz
** IR Reflow for no more than 10 sec @ 260
oC



Html Pages

1 2 3 4 5 6 7 8 9