| Moteur de recherche de fiches techniques de composants électroniques |
|
AND771GST-LED Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AND771GST-LED Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 3 page ![]() Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085 Tel: 408.523.8282 • Fax: 408.733.1287 • email@purdyelectronics.com 9/30/05 www.purdyelectronics.com Color Displays - (Prototype Kits Available for All Displays) Color TFT Monitors (includes CCFL backlight, inverter and control circuitry) Part Number Screen Diagonal (inches) Pixel Count W x H Brightness Nits (cd/m2) Pixel Pitch (mm) W x H Active Area (mm) W x H Overall Dimension (mm) W x H x D Driving Voltage (V) Input Signal AND-TFT-25PA 2.5 160 x 234 250 0.105 x 0.161 50.2 x 37.7 62 x 49 x 6 12.0* TFT Analog RGB, NTSC, PAL AND-TFT-25PA-LED 2.5 160 x 234 220 0.1025 x 0.163 49.2 x 38.14 59 x 50 x 6 12.0 TFT Analog RGB, NTSC, PAL AND-TFT-35PA 3.5 160 x 234 250 0.149 x 0.225 71.6 x 52.7 84 x 69 x 7 12.0* TFT Analog RGB, NTSC, PAL AND-TFT-35PA-LED 3.5 160 x 234 220 0.149 x 0.225 71.6 x 52.7 84 x 69 x 8 12.0 TFT Analog RGB, NTSC, PAL AND-TFT-35PA-4HB 3.5 160 x 234 2,000 0.149 x 0.225 71.6 x 52.7 84 x 69 x 9 12.0 TFT Analog RGB, NTSC, PAL AND-TFT-5PA 5.0 320 x 234 400 0.107 x 0.319 102.7 x 74.5 127 x 93 x 13 12.0* NTSC/PAL Composite, RGB, VGA AND-TFT-5PA-DHB 5.0 320 x 234 500 0.32 x 0.32 102.7 x 74.5 127 x 93 x 13 12.0* NTSC/PAL Composite, RGB, VGA AND-TFT-5TS 5.0 960 x 234 350 0.107 x 0.319 102.7 x 74.5 119 x 91 x 7.5 12.0 NTSC/PAL Composite, RGB, VGA ABD-TFT-62PA 6.2 1440 x 234 350 0.114 x 0.33 137.5 x 77.2 154.4 x 92.6 x 6 12.0 NTSC/PAL Composite, RGB, VGA AND-TFT-64PA 6.4 320 x 234 330 0.135 X 0.416 129.6 x 97.3 156.3 x 120 x 14.3 12.0* NTSC/PAL Composite AND-TFT-64PA-DHB 6.4 320 x 234 500 0.135 x 0.416 129.6 x 97.3 156.3 x 120 x 14.3 12.0* NTSC/PAL Composite AND-TFT-7PA 7.0 1440 x 234 350 0.107 x 0.37 154.1 x 86.6 166 x 100 x 7.2 12.0 NTSC/PAL Composite Color TFT Modules (includes CCFL backlight) Part Number Screen Diagonal (inches) Pixel Count(1) W x H Brightness Nits (cd/m2) Pixel Pitch (mm) W x H Active Area (mm) W x H Overall Dimension (mm) W x H x D Driving Voltage (V) Input Signal(2) Poly-Silicon Color TFT Displays ANDpSi04C380K-HB 4.0 640 x 480 200 0.126 x 0.126 80.64 x 60.48 118 x 73 x 6 3.3 Digital 6-bit interface ANDpSi056ET0S 5.6 1024 x 600 120 0.120 x 0.120 122.88 x 72 141.8 x 84.4 x 7.5 3.3 Digital 6-bit interface ANDpSi056ET0S-DHB 5.6 1024 x 600 250 0.120 x 0.120 122.88 x 72 141.8 x 84.4 x 7.5 3.3 Digital 6-bit interface ANDpSi08C355 8.4 800 x 600 145 0.213 x 0.213 170.4 x 127.8 201 x 140 x 6 3.3 Digital 6-bit interface ANDpSi08C351-HB 8.4 800 x 600 350 0.213 x 0.213 170.4 x 127.8 200 x 150 x 12 3.3 Digital 6-bit interface ANDpSi104EA5S-HB 10.4 1024 x 768 180 0.2055 x 0.2055 210.4 x 157.8 242 x 172 x 6 3.3 LVDS 6-bit interface ANDpSi104EA5S-4HB 10.4 1024 x 768 1,000 0.2055 x 0.2055 210.4 x 157.8 238 x 173 x 15 3.3 LVDS 6-bit interface ANDpSi121C505-HB 12.1 1024 x 768 165 0.24 x 0.24 245.7 x 184.3 261 x 199 x 5 3.3 LVDS 6-bit interface ANDpSi121GA0S-HB 12.1 1024 x 768 350 0.24 x 0.24 245.8 x 184.3 278 x 209 x 12 3.3 Digital 6-bit interface Amorphous-Silicon Color TFT Displays AND064VT4N1-HB 6.4 640 x 480 400 0.203 x 0.203 129.6 x 97.4 175 x 127 x 13 5.0 Digital 6-bit interface AND064VT5N1-WVHB 6.4 640 x 480 350 0.203 x 0.203 129.6 x 97.4 175 x 127 x 13 5.0 Digital 6-bit interface AND065A041F-HB 6.5 640 x 480 400 0.0685 x 0.2055 131.52 x 98.63 151 x 115.5 x 10 5.0 Digital 6-bit interface AND10C210-HB 10.4 640 x 480 400 0.33 x 0.33 211.2 x 158.4 265 x 189 x 14 5.0 Digital 6-bit interface AND10C210-DHB 10.4 640 x 480 500 0.33 x 0.33 211.2 x 158.4 265 x 189 x 14 5.0 Digital 6-bit interface AND10C210-4HB 10.4 640 x 480 1,000 0.33 x 0.33 211.2 x 158.4 265 x 189 x 14 5.0 Digital 6-bit interface AND10C401S-DHB 10.4 800 x 600 350 0.264 x 0.264 211.2 x 158.4 243 x 185 x 11 3.3 Digital 6-bit interface AND12C285-DHB 12.1 800 x 600 500 0.3075 x 0.3075 246.0 x 184.5 290 x 220 x 15 5.0 Digital 6-bit interface AND12C285-4HB 12.1 800 x 600 850 0.3075 x 0.3075 246.0 x 184.5 290 x 220 x 17 5.0 Digital 6-bit interface * Control circuitry includes integrated DC-AC inverter to drive CCFL backlight. Note 1: VGA = 640 x 480 resolution; SVGA = 800 x 600 resolution; XGA = 1024 x 768 resolution Note 2: 6 bit = 256k colors; 8 bit = 16.2M colors Note 3: pSi in the part number designates a poly-silicon display (high definition and more durable), all other displays are amorphous silicon. Note 4: Wide Viewing angle display |
Numéro de pièce similaire - AND771GST-LED |
|
Description similaire - AND771GST-LED |