Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AND501GST-LED Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce AND501GST-LED
Description  Color Displays - (Prototype Kits Available for All Displays)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

AND501GST-LED Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  AND501GST-LED Datasheet HTML 1Page - List of Unclassifed Manufacturers AND501GST-LED Datasheet HTML 2Page - List of Unclassifed Manufacturers AND501GST-LED Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408.523.8282 • Fax: 408.733.1287 • email@purdyelectronics.com
9/30/05
www.purdyelectronics.com
Monochromatic Displays
Intelligent Graphic Displays (STN, FSTN, BST)
See Notes on top of page 4
Part Number
Pixel Count
W x H
Pixel Pitch
(mm) W x H
Viewing Area
(mm) W x H
Overall Dimension
(mm) W x H x D
Driving
Voltage (V)
Built-In
Controller
Backlight
Contrast
Ratio
-30
-EL
AND1021ST-EO
120 x 64
0.56 x 0.60
62.5 x 43.5
85 x 70 x 20
+5/-8.5
T6963C
-
EL
4:1
AND1021ST
120 x 64
0.56 x 0.60
62.5 x 43.5
85 x 70 x 20
+5/-8.5
T6963C
-
-
4:1
AND1261WGST
128 x 64
0.43 x 0.43
60 x 33
75 x 53 x 6.8
+5/-8.0
Built-in Data RAM
-
-
6:1
AND1261WGST-LED
128 x 64
0.43 x 0.43
60 x 33
75 x 53 x 8.9
+5/-8.0
Built-in Data RAM
LED
6:1
AND1263WGST
192 x 128
0.37 x 0.37
77.5 x 54
98 x 86 x 12.7
+5/-13.8
Built-in Data RAM
-
-
7:1
AND1263WGST-LED
192 x 128
0.37 x 0.37
77.5 x 54
98 x 86 x 12.7
+5/-13.8
Built-in Data RAM
LED
7:1
AND1391ST-EO
128 x 128
0.43 x 0.43
62 x 62
84.4 x 100 x 14
+5/-14.5
T6963C
-
EL
4:1
AND1391ST
128 x 128
0.43 x 0.43
62 x 62
84.4 x 100 x 14
+5/-14.5
T6963C
-
-
4:1
AND1013ST-EO
160 x 128
0.60 x 0.60
101 x 82
129 x 104.5 x 14
+5/-8.5
T6963C
-
EL
4:1
AND1013ST-30
160 x 128
0.60 x 0.60
101 x 82
129 x 104.5 x 14
+5/-8.5
T6963C
-30
-
4:1
AND711AST-EO
240 x 64
0.53 x 0.53
132 x 39
180 x 65 x 12
+5/-8.5
T6963C
-
EL
4:1
AND711AST-30
240 x 64
0.53 x 0.53
132 x 39
180 x 65 x 12
+5/-8.5
T6963C
-30
-
4:1
AND1781BST
240 x 64
0.53 x 0.53
127.2 x 33.9
180 x 70 x 14
+5/-12.2
T6963C
CCFL
6:1
AND1781MST
240 x 64
0.53 x 0.53
127.2 x 33.9
180 x 70 x 14
+5/-13.0
T6963C
CCFL
12:1
AND1741MST
240 x 128
0.50 x 0.50
126 x 70
170 x 106 x 14
+5/-18.5
T6963C
CCFL
12:1
AND1743FST-T
240 x 128
0.50 x 0.50
132 x 76
170 x 102 x 14
+5/-19.5
T6963C
CCFL
6:1
AND1742MST
240 x 128
0.51 x 0.51
134 x 76
180 x 110 x 15.1
+5
SED1330
CCFL
6:1
AND1742MST2
240 x 128
0.51 x 0.51
134 x 76
180 x 110 x 15.1
+5
None
CCFL
6:1
AND3222MST2
320 X 240
0.36 X 0.36
120 X 92
148 X 120 X 20.5
+5/-22.0
SED1330
CCFL
6:1
Intelligent Alphanumeric STN Displays
All use Hitachi HD44780 controllers or equiv.
All displays have 6:00 viewing angle
For extended temp. & electroluminescent backlight options, contact factory
Part Number
Lines x
Characters
Character Size
(mm) W x H
Viewing Area
(mm) W x H
Outline Dimensions
(mm) W x H x D
Driving Voltage
(V)
Built-in
Controller
Backlight
AND671GST
1 x 16
3.07 x 6.56
64.5 x 13.8
80 x 36 x 11.3
5
HD44780
–
AND671GST-LED
1 x 16
3.07 x 6.56
64.5 x 13.8
80 x 36 x 16
5
HD44780
LED
AND471GST
2 x 16
4.84 x 9.66
99 x 24
122 x 44 x 11.3
5
HD44780
–
AND471GST-LED
2 x 16
4.84 x 9 .66
99 x 24
122 x 44 x 15.8
5
HD44780
LED
AND481GST
2 x 16
2.78 x 4.89
62 x 16
85 x 30 x 10.1
5
HD44780
–
AND481GST-LED
2 x 16
2.78 x 4.89
62 x 16
85 x 30 x 15.8
5
HD44780
LED
AND491GST
2 x 16
2.95 x 4.35
64.5 x 13.8
80 x 36 x 11.3
5
HD44780
–
AND491GST-LED
2 x 16
2.95 x 4.35
64.5 x 13.8
80 x 36 x 15.8
5
HD44780
LED
AND731GST
4 x 16
2.95 x 4.75
62 x 25.6
87 x 60 x 8.8
5
HD44780
–
AND731GST-LED
4 x 16
2.95 x 4.75
62 x 25.6
87 x 60 x 12.7
5
HD44780
LED
AND501GST
2 x 20
3.2 x 5.55
83 x 18.6
116 x 37 x 11.3
5
HD44780
–
AND501GST-LED
2 x 20
3.2 x 5.55
83 x 18.6
116 x 37 x 15.8
5
HD44780
LED
AND501WGST
2 x 20
3.2 x 5.55
83 x 18.6
116 x 37 x 15.8
5
HD44780
–
AND501WGST-LED
2 x 20
3.2 x 5.55
83 x 18.6
116 x 37 x 15.8
5
HD44780
LED
AND721GST
4 x 20
2.95 x 4.75
76 x 25.2
98 x 60 x 12
5
HD44780
–
AND721GST-LED
4 x 20
2.95 x 4.75
76 x 25.2
98 x 60 x 16
5
HD44780
LED
AND771GST
2 x 24
3.2 x 5.50
94.5 x 17.8
118 x 36 x 11.3
5
HD44780
–
AND771GST-LED
2 x 24
3.2 x 5.50
94.5 x 17.8
118 x 36 x 15.8
5
HD44780
LED
AND591GST
2 x 40
3.2 x 5.55
154 x 15.3
182 x 33.5 x 8.8
5
HD44780
–
AND591GST-LED
2 x 40
3.2 x 5.55
154 x 15.3
182 x 33.5 x 12.7
5
HD44780
LED
AND791GST
4 x 40
2.78 x 4.89
147 x 29.5
190 x 54 x 10.1
5
HD44780
–
AND791GST-LED
4 x 40
2.78 x 4.89
147 x 29.5
190 x 54 x 16.3
5
HD44780
LED



Html Pages

1 2 3