Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IXTP4N60P Fiches technique(PDF) 5 Page - IXYS Corporation

No de pièce IXTP4N60P
Description  PolarHV Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IXYS [IXYS Corporation]
Site Internet  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP4N60P Fiches technique(HTML) 5 Page - IXYS Corporation

  IXTP4N60P Datasheet HTML 1Page - IXYS Corporation IXTP4N60P Datasheet HTML 2Page - IXYS Corporation IXTP4N60P Datasheet HTML 3Page - IXYS Corporation IXTP4N60P Datasheet HTML 4Page - IXYS Corporation IXTP4N60P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
© 2006 IXYS All rights reserved
Fig. 13. Maximum Transient Thermal Resistance
0.1
1.0
10.0
0.1
1
10
100
1000
Pulse Width - milliseconds
TO-252 AA (IXTY) Outline
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
2.19
2.38
0.086
0.094
A1
0.89
1.14
0.035
0.045
A2
0
0.13
0
0.005
b
0.64
0.89
0.025
0.035
b1
0.76
1.14
0.030
0.045
b2
5.21
5.46
0.205
0.215
c
0.46
0.58
0.018
0.023
c1
0.46
0.58
0.018
0.023
D
5.97
6.22
0.235
0.245
D1
4.32
5.21
0.170
0.205
E
6.35
6.73
0.250
0.265
E1
4.32
5.21
0.170
0.205
e
2.28 BSC
0.090 BSC
e1
4.57 BSC
0.180 BSC
H
9.40 10.42
0.370
0.410
L
0.51
1.02
0.020
0.040
L1
0.64
1.02
0.025
0.040
L2
0.89
1.27
0.035
0.050
L3
2.54
2.92
0.100
0.115
IXTA4N60P IXTP4N60P
IXTU4N60P IXTY4N60P



Html Pages

1 2 3 4 5