Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAL04Z2R2M Fiches technique(PDF) 21 Page - List of Unclassifed Manufacturers

No de pièce LAL04Z2R2M
Description  AXIAL LEADED INDUCTORS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

LAL04Z2R2M Fiches technique(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button LAL04Z2R2M Datasheet HTML 15Page - List of Unclassifed Manufacturers LAL04Z2R2M Datasheet HTML 16Page - List of Unclassifed Manufacturers LAL04Z2R2M Datasheet HTML 17Page - List of Unclassifed Manufacturers LAL04Z2R2M Datasheet HTML 18Page - List of Unclassifed Manufacturers LAL04Z2R2M Datasheet HTML 19Page - List of Unclassifed Manufacturers LAL04Z2R2M Datasheet HTML 20Page - List of Unclassifed Manufacturers LAL04Z2R2M Datasheet HTML 21Page - List of Unclassifed Manufacturers LAL04Z2R2M Datasheet HTML 22Page - List of Unclassifed Manufacturers LAL04Z2R2M Datasheet HTML 23Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
351
5
RELIABILITY DATA
 
8/9
Item
LA02 Type/
LA03 Type
Specified Value
Test Method and Remarks
24.Damp heat
25.Loading under damp heat
26.Loading at high tempera-
ture
LAYLAV35
D
Temperature
D40M2C
Humidity
D90V95LRH
Duration
D1000 hrs
Recovery
DAt least 1hr of recovery under the standard re-
moval from test chamber, followed by the mea-
surement within 2hrs.
FB
D
Temperature
D60M2C
Humidity
D90V95LRH
Duration
D1000 hrs
Recovery
D1 to 2hrs of recovery under the standard con-
dition after the removal from the test cfamber.
LAYLAV35
D
Temperature
D40M2C
Humidity
D90V95LRH
Duration
D1000 hrs
Applied current
DRated current
Recovery
DAt least 1hr of recovery under the standard re-
moval from test chamber, followed by the mea-
surement within 2hrs.
LHLYLHFYLHFP
D
Temperature
D40M2C
Humidity
D90V95LRH
Duration
D1000M24 hrs
Applied current
DRated current
Recovery
D1 to 2hrs of recovery under the standard con-
dition after the removal from the test cfamber.
FL
D
Temperature
D60M3C
Humidity
D90V95LRH
Duration
D500 fJ12, K0ghrs
Applied current
DRated current
Recovery
D1 to 2hrs of recovery under the standard con-
dition after the removal from the test cfamber.
LAYLAV35
D
Temperature
D85M2C
Duration
D1000 hrs
Applied current
DRated current
Recovery
DAt least 1hr of recovery under the standard re-
moval from test chamber, followed by the mea-
surement within 2hrs.
LA05 Type
LHL
□□□/
LHF15BB/
LHFP
□□BB
FBA/FBR
LAV35
LA04 Type
△L/LD
WithinM10L
Q
D30min.
△L/LD
WithinM10L
Q
D30min.
△L/LD
WithinM10L
Q
D30min.
Appearance
D
No abnor-
mality
Imductance
change
D
WithinM10L
Q change
D
WithinM30L
FL05
□
Type
FL06BT
Type
△L/LD
WithinM10L
Q
D20min.
△L/LD
WithinM10L
Q
D20min.
△L/LD
WithinM10L
Q
D20min.
Appearance
D
No abnor-
mality
Impedance
change
D
WithinM20L
Refer to
individual
specifica-
tion
△L/LD
WithinM10L
△Q/QD
WithinM30L
△L/LD
WithinM10L
△Q/QD
WithinM30L
△L/LD
WithinM10L
△Q/QD
WithinM30L
△L/LD
WithinM10L
Q
D15min.
△L/LD
WithinM10L
Q
D15min.
△L/LD
WithinM10L
Q
D15min.
Appearance
D
No abnor-
mality
Impedance
change
D
WithinM20L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23