Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST8433AS Fiches technique(PDF) 4 Page - Stanson Technology

No de pièce ST8433AS
Description  Constant Voltage and Constant Current Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STANSON [Stanson Technology]
Site Internet  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST8433AS Fiches technique(HTML) 4 Page - Stanson Technology

  ST8433AS Datasheet HTML 1Page - Stanson Technology ST8433AS Datasheet HTML 2Page - Stanson Technology ST8433AS Datasheet HTML 3Page - Stanson Technology ST8433AS Datasheet HTML 4Page - Stanson Technology ST8433AS Datasheet HTML 5Page - Stanson Technology ST8433AS Datasheet HTML 6Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
STANSON TECHNOLOGY
ST8433 (Pb-Free)
Constant Voltage and Constant Current Controller
120 Bentley Square, Mountain View, Ca 94040 USA
WWW.STANSONTECH.COM
APPLICATION CIRCUIT
APPLICATION NOTE
In the above application, ST8433 is used to provide an accurate control of voltage and
current. The voltage loop is controlled through an internal error amplifier, the resistor
bridge R1, R2 and the photo-coupler. The relation between Vout, R1, R2 and Vref is shown
in:
Vout = Vref x (1+R1/R2)
The current loop is controlled through an internal transistor, the sense resistor and the
photo-coupler. The control equation is:
Rsense x I-limit = 0.7V (typical)
Where I-limit is the desired current limit. The selection of Rsense should consider the
power loss through Rsense. It is calculated as:
P-limit = 0.7 x I-limit
Whether AC input is at High Line or Low Line, ST8433 can provide the same current
protection. It has the fuse function at the output.
ST8433 2009 V1
4



Html Pages

1 2 3 4 5 6