Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L2293Q Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce L2293Q
Description  Push-pull four channel driver with diodes
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L2293Q Fiches technique(HTML) 5 Page - STMicroelectronics

  L2293Q Datasheet HTML 1Page - STMicroelectronics L2293Q Datasheet HTML 2Page - STMicroelectronics L2293Q Datasheet HTML 3Page - STMicroelectronics L2293Q Datasheet HTML 4Page - STMicroelectronics L2293Q Datasheet HTML 5Page - STMicroelectronics L2293Q Datasheet HTML 6Page - STMicroelectronics L2293Q Datasheet HTML 7Page - STMicroelectronics L2293Q Datasheet HTML 8Page - STMicroelectronics L2293Q Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
L2293Q
Pin connection
Doc ID 14899 Rev 3
5/13
2
Pin connection
Figure 2.
Pin connection (top view)
Note:
NC(1) These NC pins are connected to the exposed PAD.
The exposed PAD must be connected to GND pins.
NC(2) These NC pins can be connected to GND pins and exposed PAD.
Figure 3.
Recommended PCB layout for Rth(JA) optimization
BOTTOM LAYER
BOTTOM LAYER (connected to GND)
(connected to GND)
GND pins
VIA holes
TOP LAYER
TOP LAYER
(connected to GND)
(connected to GND)
L2293Q
L2293Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13