Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML22563 Fiches technique(PDF) 39 Page - List of Unclassifed Manufacturers

No de pièce ML22563
Description  4-Channel Mixing Speech Synthesis LSI
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

ML22563 Fiches technique(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button ML22563 Datasheet HTML 35Page - List of Unclassifed Manufacturers ML22563 Datasheet HTML 36Page - List of Unclassifed Manufacturers ML22563 Datasheet HTML 37Page - List of Unclassifed Manufacturers ML22563 Datasheet HTML 38Page - List of Unclassifed Manufacturers ML22563 Datasheet HTML 39Page - List of Unclassifed Manufacturers ML22563 Datasheet HTML 40Page - List of Unclassifed Manufacturers ML22563 Datasheet HTML 41Page - List of Unclassifed Manufacturers ML22563 Datasheet HTML 42Page - List of Unclassifed Manufacturers ML22563 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
FEDL2257X-05
ML22Q573/ML2257X
PLAY Command Input Timing for Continuous Playback
The diagram below shows the PLAY command input timing in cases where one phrase is played and then the
next phrase is played in succession.
CSB
SCK
SI
NCR
BUSYB
SPM
1/2VDD
SPP
1/2VDD
tcm
CBUSYB
(internal)
(internal)
PLAY command
2nd byte
PLAY command
1st byte
PLAY command
2nd byte
Status
Playing phrase 1
Address is being controlled
Awaiting command
Playing phrase 2
Address is being controlled
As shown in the diagram above, if performing continuous playback, input the PLAY command for the second
phrase within 10 ms (tcm) after the NCR signal on the target channel goes “H”.
Doing so will start playing the
second phrase immediately after the playback of the first phrase finishes.
Phrases can thus be played
continuously without silence being inserted between phrases.
39/66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66