| Moteur de recherche de fiches techniques de composants électroniques |
|
2MA127-R47NF Fiches technique(PDF) 4 Page - Accetek Electronics (Shenzhen) Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
2MA127-R47NF Fiches technique(HTML) 4 Page - Accetek Electronics (Shenzhen) Co., Ltd. |
|
4 / 7 page ![]() 4 2MA Series Dual Winding Shielded Inductor/Transformer Accetek Electronics (Shenzhen) Co., Ltd. www.accetek.com Ver.:2MA‐2012E Accetek Parallel Mode Series Mode Part Number L1 (μH) Tolerance DCR2 Typ.(Ω) DCR2 Max.(Ω) Irms3 (A) Isat4 (A) L1 (μH) Tolerance DCR2 Typ.(Ω) DCR2 Max.(Ω) Irms3 (A) Isat4 (A) 2MA125-6R8MF 6.80 ±20% 0.0123 0.0180 5.59 7.12 27.2 ±20% 0.0492 0.0720 2.80 3.56 2MA125-8R2MF 8.20 ±20% 0.0170 0.0210 5.54 6.75 32.8 ±20% 0.0680 0.0840 2.77 3.37 2MA125-100MF 10.0 ±20% 0.0180 0.0250 5.11 5.87 40.0 ±20% 0.0720 0.1000 2.56 2.94 2MA125-120MF 12.0 ±20% 0.0230 0.0270 4.81 4.92 48.0 ±20% 0.0920 0.1080 2.41 2.46 2MA125-150MF 15.0 ±20% 0.0250 0.0300 4.56 4.56 60.0 ±20% 0.1000 0.1200 2.28 2.28 2MA125-180MF 18.0 ±20% 0.0290 0.0340 4.29 4.35 72.0 ±20% 0.1160 0.1360 2.14 2.18 2MA125-220MF 22.0 ±20% 0.0310 0.0360 4.17 3.86 88.0 ±20% 0.1240 0.1440 2.08 1.93 2MA125-270MF 27.0 ±20% 0.0400 0.0510 3.50 3.34 108 ±20% 0.1600 0.2040 1.75 1.67 2MA125-330MF 33.0 ±20% 0.0540 0.0570 3.31 3.06 132 ±20% 0.2160 0.2280 1.66 1.53 2MA125-390MF 39.0 ±20% 0.0580 0.0645 3.11 2.93 156 ±20% 0.2320 0.2580 1.56 1.46 2MA125-470MF 47.0 ±20% 0.0750 0.0820 2.71 2.53 188 ±20% 0.3000 0.3280 1.36 1.26 2MA125-560MF 56.0 ±20% 0.0850 0.0890 2.65 2.39 224 ±20% 0.3400 0.3560 1.32 1.20 2MA125-680MF 68.0 ±20% 0.0945 0.1050 2.44 2.30 272 ±20% 0.3780 0.4200 1.22 1.15 2MA125-820MF 82.0 ±20% 0.120 0.129 2.20 2.05 328 ±20% 0.4800 0.5160 1.10 1.03 2MA125-101MF 100 ±20% 0.139 0.146 2.07 1.79 400 ±20% 0.5560 0.5840 1.03 0.89 2MA125-121MF 120 ±20% 0.159 0.170 1.92 1.62 480 ±20% 0.6360 0.6800 0.96 0.81 2MA125-151MF 150 ±20% 0.185 0.230 1.65 1.50 600 ±20% 0.7400 0.9200 0.82 0.75 2MA125-181MF 180 ±20% 0.234 0.246 1.59 1.33 720 ±20% 0.9360 0.9840 0.80 0.67 2MA125-221MF 220 ±20% 0.306 0.335 1.37 1.22 880 ±20% 1.224 1.340 0.68 0.61 2MA125-271MF 270 ±20% 0.355 0.400 1.25 1.05 1080 ±20% 1.420 1.600 0.63 0.52 2MA125-331MF 330 ±20% 0.482 0.494 1.12 0.95 1320 ±20% 1.928 1.976 0.56 0.48 2MA125-391MF 390 ±20% 0.515 0.533 1.08 0.88 1560 ±20% 2.060 2.132 0.54 0.44 2MA125-471MF 470 ±20% 0.705 0.733 0.92 0.83 1880 ±20% 2.820 2.932 0.46 0.41 2MA125-561MF 560 ±20% 0.776 0.800 0.88 0.77 2240 ±20% 3.104 3.200 0.44 0.38 2MA125-681MF 680 ±20% 0.887 0.910 0.83 0.70 2720 ±20% 3.548 3.640 0.41 0.35 2MA125-821MF 820 ±20% 1.130 1.152 0.74 0.63 3280 ±20% 4.520 4.608 0.37 0.31 2MA125-102MF 1000 ±20% 1.295 1.335 0.68 0.57 4000 ±20% 5.180 5.340 0.34 0.29 2MA127-R47NF 0.47 ±30% 0.00195 0.00300 17.90 26.40 1.88 ±30% 0.0078 0.0120 8.95 13.20 2MA127-1R0NF 1.00 ±30% 0.00261 0.00450 15.50 17.60 4.00 ±30% 0.0104 0.0180 7.75 8.80 2MA127-1R5NF 1.50 ±30% 0.00341 0.00600 13.50 15.00 6.00 ±30% 0.0136 0.0240 6.75 7.50 2MA127-2R2NF 2.20 ±30% 0.00400 0.00680 12.70 14.30 8.80 ±30% 0.0160 0.0272 6.35 7.15 2MA127-3R3NF 3.30 ±30% 0.00680 0.00816 10.40 12.50 13.2 ±30% 0.0272 0.0326 5.20 6.25 2MA127-3R9NF 3.90 ±30% 0.00850 0.01020 8.77 10.56 15.6 ±30% 0.0340 0.0408 4.39 5.28 2MA127-4R7MF 4.70 ±20% 0.00940 0.01128 8.25 10.23 18.8 ±20% 0.0376 0.0451 4.13 5.12 2MA127-5R6MF 5.60 ±20% 0.01080 0.01296 7.47 9.46 22.4 ±20% 0.0432 0.0518 3.74 4.73 2MA127-6R8MF 6.80 ±20% 0.01200 0.01440 7.34 8.80 27.2 ±20% 0.0480 0.0576 3.67 4.40 2MA127-8R2MF 8.20 ±20% 0.01600 0.01920 6.32 8.25 32.8 ±20% 0.0640 0.0768 3.16 4.13 2MA127-100MF 10.0 ±20% 0.01720 0.02000 6.04 7.26 40.0 ±20% 0.0688 0.0800 3.02 3.63 2MA127-120MF 12.0 ±20% 0.02180 0.02400 5.37 6.50 48.0 ±20% 0.0872 0.0960 2.69 3.25 2MA127-150MF 15.0 ±20% 0.02400 0.02700 5.04 6.00 60.0 ±20% 0.0960 0.1080 2.52 3.00 2MA127-180MF 18.0 ±20% 0.03080 0.03696 4.52 5.40 72.0 ±20% 0.1232 0.1478 2.26 2.70 2MA127-220MF 22.0 ±20% 0.03300 0.03960 4.21 5.00 88.0 ±20% 0.1320 0.1584 2.11 2.50 2MA127-270MF 27.0 ±20% 0.03500 0.04200 3.74 3.80 108 ±20% 0.1400 0.1680 1.87 1.90 |