| Moteur de recherche de fiches techniques de composants électroniques |
|
1MT0750-R82MF Fiches technique(PDF) 6 Page - Accetek Electronics (Shenzhen) Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
1MT0750-R82MF Fiches technique(HTML) 6 Page - Accetek Electronics (Shenzhen) Co., Ltd. |
|
6 / 8 page ![]() 6 1MT Series High Current Shielded Power Inductor Accetek Electronics (Shenzhen) Co., Ltd. www.accetek.com 1MT‐2014E Accetek Inductance1 DCR2 Part Number μH Tolerance Typ.(mΩ) Max.(mΩ) Irms3(A) Isat4(A) 1MT1350-3R3MF 3.3 ±20% 7.8 9.2 15.0 32.0 1MT1350-4R7MF 4.7 ±20% 13.0 15.0 12.0 27.0 1MT1350-5R6MF 5.6 ±20% 14.0 16.5 11.5 22.0 1MT1350-6R8MF 6.8 ±20% 15.5 18.5 11.0 21.0 1MT1360-120MF 12 ±20% 20.0 23.0 7.0 10.0 1MT1360-150MF 15 ±20% 25.0 29.0 6.0 9.0 1MT1360-180MF 18 ±20% 30.0 35.0 5.0 8.0 1MT1360-220MF 22 ±20% 34.0 40.0 5.0 7.5 1MT1360-270MF 27 ±20% 40.0 53.0 4.5 6.5 1MT1360-330MF 33 ±20% 45.0 60.0 4.5 6.0 1MT1360-390MF 39 ±20% 50.0 65.0 4.0 5.0 1MT1360-121MF 120 ±20% 210.0 235.0 2.3 3.2 1MT1360-151MF 150 ±20% 300.0 350.0 2.0 2.7 1MT1365-R22MF 0.22 ±20% 0.6 0.7 47.0 110.0 1MT1365-R33MF 0.33 ±20% 0.8 0.9 41.0 65.0 1MT1365-R47MF 0.47 ±20% 1.0 1.2 38.0 60.0 1MT1365-R56MF 0.56 ±20% 1.2 1.4 35.0 60.0 1MT1365-R68MF 0.68 ±20% 1.4 1.6 32.0 60.0 1MT1365-R82MF 0.82 ±20% 1.6 1.9 30.0 50.0 1MT1365-1R0MF 1.0 ±20% 1.7 2.0 28.0 49.0 1MT1365-1R5MF 1.5 ±20% 2.5 3.0 25.0 45.0 1MT1365-2R2MF 2.2 ±20% 3.5 4.2 20.0 40.0 1MT1365-3R3MF 3.3 ±20% 5.7 6.8 15.0 35.0 1MT1365-4R7MF 4.7 ±20% 8.0 8.7 13.0 30.0 1MT1365-5R6MF 6.0 ±20% 9.3 10.0 12.0 26.0 1MT1365-6R8MF 6.8 ±20% 13.1 14.0 10.0 17.0 1MT1365-8R2MF 8.2 ±20% 14.5 15.5 9.5 16.0 1MT1365-100MF 10 ±20% 15.8 16.8 9.0 15.0 1MT1365-120MF 12 ±20% 19.5 22.0 8.0 14.0 1MT1365-150MF 15 ±20% 40.0 43.0 5.5 12.0 1MT1365-180MF 18 ±20% 40.0 43.0 5.5 12.0 1MT1365-220MF 22 ±20% 42.0 45.0 5.5 8.0 1MT1365-270MF 27 ±20% 48.0 53.0 5.0 7.0 1MT1365-330MF 33 ±20% 54.0 60.0 5.0 6.0 1MT1365-390MF 39 ±20% 60.0 65.0 4.5 5.0 1. Inductance measured @ 100KHz, 0.3V at 25°C temperature. 2. DCR measured @ 25°C. 3. Irms: DC current for an approximate 40°C rise from 20°C ambient temperature. 4. Isat: DC current for approximate 25% roll off at 25°C. 5. Specifications subject to change without notice please check our website for latest information. |