| Moteur de recherche de fiches techniques de composants électroniques |
|
L9686 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9686 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 7 page ![]() L9686 AUTOMOTIVE DIRECTION INDICATOR RELAY DRIVER IN CAR DIRECTION INDICATORS FLASH FREQUENCY DOUBLES TO INDI- CATE LAMP FAILURE DUMP PROTECTION ( ± 80 V) REVERSE BATTERY PROTECTION DESCRIPTION The L9686 is a two frequency oscillator particu- larly suitable as relay driver for flashing light con- trol in automotive applications. The circuit may be also used for other warning lamps like "handbrake on" etc. The lamp failure detection is given by doubling the flash repetition frequency. The L9686 is supplied in minidip 8-lead and SO8 plas- tic packages. September 2003 ® BLOCK DIAGRAM MINIDIP SO8 ORDERING NUMBERS: L9686 L9686D 1/7 Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) |
Numéro de pièce similaire - L9686 |
|
Description similaire - L9686 |