| Moteur de recherche de fiches techniques de composants électroniques |
|
TC649B Fiches technique(PDF) 27 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC649B Fiches technique(HTML) 27 Page - Microchip Technology |
|
27 / 36 page ![]() 2003 Microchip Technology Inc. DS21755B-page 27 TC646B/TC648B/TC649B 6.0 PACKAGING INFORMATION 6.1 Package Marking Information XXXXXXXXX NNN YYWW 8-Lead PDIP (300 mil) Example : 8-Lead SOIC (150 mil) Example : XXXXXX XXXYYWW NNN TC646BCPA 025 0215 TC646B COA0215 025 8-Lead MSOP Example : XXXXXX YWWNNN TC646B 215025 Legend: XX...X Customer specific information* Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line thus limiting the number of available characters for customer specific information. * Standard device marking consists of Microchip part number, year code, week code, and traceability code. |