| Moteur de recherche de fiches techniques de composants électroniques |
|
SDQ25-821-R Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SDQ25-821-R Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers |
|
3 / 4 page ![]() 5.45 Direction of feed Pin #1 indicator 12.0 +/-0.3 1.75 1.5 Dia. +0.1/-0.0 1.5 Dia. min. 8.0 A A 2.00 SECTION A-A 4.00 2.00 1 2 4 3 5.50 5.45 06-13-08 SB-BU08352 Page 3 of 4 Data Sheet: 4339 Supplied in tape-and-reel packaging,3800 parts per reel, 13” diameter reel. Supplied in tape-and-reel packaging, 2900 parts per reel, 13” diameter reel. Packaging Information - mm Inductance Characteristics Actual Size SDQ12 Actual Size SDQ25 OCL vs I SDQ12 0 10 20 30 40 50 60 70 80 90 100 0 10 20 30 40 50 60 70 80 90 100 110 120 % of I sat sat OCL vs I SDQ25 0 10 20 30 40 50 60 70 80 90 100 0 1020 3040 5060 708090 100 110 120 % of I sat sat 2.00 4.00 Direction of feed Pin #1 indicator 12.0 +/-0.3 5.50 1.75 1.5 Dia. +0.1/-0.0 1.5 Dia min. 8.0 A 2 1 A SECTION A-A 4 3 5.45 5.45 2.70 mm SDQ25 Series SDQ12 Series |