Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RHT01 Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers

No de pièce RHT01
Description  Digital relative humidity & temperature sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

RHT01 Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers

  RHT01 Datasheet HTML 1Page - List of Unclassifed Manufacturers RHT01 Datasheet HTML 2Page - List of Unclassifed Manufacturers RHT01 Datasheet HTML 3Page - List of Unclassifed Manufacturers RHT01 Datasheet HTML 4Page - List of Unclassifed Manufacturers RHT01 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Y
our specialist in innovating humidity & temperature sensors
- 5 -
8. Attentions of application:
(1) Operating and storage conditions
We don't recommend the applying RH-range beyond the range stated in this specification. The RHT01 sensor
can recover after working in abnormal operating condition to calibrated status, but will accelerate sensors' aging.
(2) Attentions to chemical materials
Vapor from chemical materials may interfere RHT01's sensitive-elements and debase RHT01's sensitivity.
(3) Disposal when (1) & (2) happens
Step one: Keep the RHT01 sensor at condition of Temperature 50~60Celsius, humidity <10%RH for 2 hours;
Step two: After step one, keep the RHT01 sensor at condition of Temperature 20~30Celsius, humidity >70%RH
for 5 hours.
(4) Attention to temperature's affection
Relative humidity strongly depend on temperature, that is why we use temperature compensation technology to
ensure accurate measurement of RH. But it's still be much better to keep the sensor at same temperature when
sensing.
RHT01 should be mounted at the place as far as possible from parts that may cause change to temperature.
(5) Attentions to light
Long time exposure to strong light and ultraviolet may debase RHT01's performance.
(6) Attentions to connection wires
The connection wires' quality will effect communication's quality and distance, high quality shielding-wire is
recommended.
(7) Other attentions
* Welding temperature should be bellow 260Celsius.
* Avoid using the sensor under dew condition.
* Don't use this product in safety or emergency stop devices or any other occasion that failure of RHT01 may
cause personal injury.



Html Pages

1 2 3 4 5