| Moteur de recherche de fiches techniques de composants électroniques |
|
L9911P Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9911P Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 19 page ![]() This is information on a product in full production. September 2013 Doc ID10990 Rev 12 1/19 1 L9911 Car alternator multifunction smart voltage regulator Datasheet production data Features ■ Fully monolithic design ■ High side field driver ■ Thermal protection ■ Field short circuit protection ■ Protected diagnostic lamp driver ■ Protected high side relay driver ■ Complex diagnostics ■ Load response control ■ DFM output (field monitor) Description The L9911 is a monolithic multifunction alternator voltage regulator intended for use in automotive application. It includes the control section, the field power stage, fault diagnostic circuit which drives a warning lamp, and the protection against short circuits. Multiwatt8 Table 1. Device summary Order code Temp. range, °C Package Packing L9911F Tj = -40 to +150 Multiwatt8 Tube L9911I L9911P L9911V L9911K L9911U www.st.com |
Numéro de pièce similaire - L9911P |
|
Description similaire - L9911P |