Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6207Q Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce L6207Q
Description  DMOS dual full bridge driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6207Q Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button L6207Q Datasheet HTML 18Page - STMicroelectronics L6207Q Datasheet HTML 19Page - STMicroelectronics L6207Q Datasheet HTML 20Page - STMicroelectronics L6207Q Datasheet HTML 21Page - STMicroelectronics L6207Q Datasheet HTML 22Page - STMicroelectronics L6207Q Datasheet HTML 23Page - STMicroelectronics L6207Q Datasheet HTML 24Page - STMicroelectronics L6207Q Datasheet HTML 25Page - STMicroelectronics L6207Q Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
Thermal management
L6207Q
22/27
DocID018993 Rev 3
8
Thermal management
In most applications the power dissipation in the IC is the main factor that sets the maximum
current that can be delivered by the device in a safe operating condition. Therefore, it must
be considered very carefully. Besides the available space on the PCB, the right package
should be chosen considering the power dissipation. Heatsinking can be achieved using
copper on the PCB with proper area and thickness.
Table 8. Thermal data
Symbol
Parameter
Package
Typ.
Unit
RthJA
Thermal resistance junction-ambient
VFQFPN48(1)
1. VFQFPN48 mounted on EVAL6208Q rev 1 board (see EVAL6208Q databrief): four-layer FR4 PCB with
a dissipating copper surface of about 45 cm2 on each layer and 25 via holes below the IC.
17
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27