Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMBG18A Fiches technique(PDF) 2 Page - Microsemi Corporation

No de pièce SMBG18A
Description  SURFACE MOUNT 600 Watt SURFACE MOUNT 600 Watt
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SMBG18A Fiches technique(HTML) 2 Page - Microsemi Corporation

  SMBG18A Datasheet HTML 1Page - Microsemi Corporation SMBG18A Datasheet HTML 2Page - Microsemi Corporation SMBG18A Datasheet HTML 3Page - Microsemi Corporation SMBG18A Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SURFACE MOUNT 600 Watt
Transient Voltage Suppressor
S C O T TS DALE DIVISION
SMBJ5.0 thru SMBJ170A, CA, e3
and SMBG5.0 thru SMBG170A, CA, e3
ELECTRICAL CHARACTERISTICS @ 25oC
MICROSEMI PART
NUMBER
BREAKDOWN
VOLTAGE
V(BR) @ I(BR)
Volts
GULL-WING
LEAD
MODIFIED “J”
BEND LEAD
REVERSE
STAND-OFF
VOLTAGE
VWM
Volts
MIN. MAX.
I(BR)
mA
MAXIMUM
CLAMPING
VOLTAGE
@ IPP
Volts
PEAK PULSE
CURRENT
(See Fig. 2)
IPP
Amps
MAXIMUM
STANDBY
CURRENT
@ VWM
ID
μA
SMBG5.0
SMBG5.0A
SMBG6.0
SMBG6.0A
SMBJ5.0
SMBJ5.0A
SMBJ6.0
SMBJ6.0A
5.0
5.0
6.0
6.0
6.40 – 7.30
6.40 – 7.00
6.67 – 8.15
6.67 – 7.37
10
10
10
10
9.6
9.2
11.4
10.3
62.5
65.2
52.6
58.3
800
800
800
800
SMBG6.5
SMBG6.5A
SMBG7.0
SMBG7.0A
SMBJ6.5
SMBJ6.5A
SMBJ7.0
SMBJ7.0A
6.5
6.5
7.0
7.0
7.22 – 8.82
7.22 – 7.98
7.78 – 9.51
7.78 – 8.60
10
10
10
10
12.3
11.2
13.3
12.0
48.7
53.6
45.1
50.0
500
500
200
200
SMBG7.5
SMBG7.5A
SMBG8.0
SMBG8.0A
SMBJ7.5
SMBJ7.5A
SMBJ8.0
SMBJ8.0A
7.5
7.5
8.0
8.0
8.33 – 10.2
8.33 – 9.21
8.89 – 10.9
8.89 – 9.83
1
1
1
1
14.3
12.9
15.0
13.6
42.0
46.5
40.0
44.1
100
100
50
50
SMBG8.5
SMBG8.5A
SMBG9.0
SMBG9.0A
SMBJ8.5
SMBJ8.5A
SMBJ9.0
SMBJ9.0A
8.5
8.5
9.0
9.0
9.44 – 11.5
9.44 – 10.4
10.0 – 12.2
10.0 – 11.1
1
1
1
1
15.9
14.4
16.9
15.4
37.7
41.7
35.5
39.0
10
10
5
5
SMBG10
SMBG10A
SMBG11
SMBG11A
SMBJ10
SMBJ10A
SMBJ11
SMBJ11A
10
10
11
11
11.1 – 13.6
11.1 – 12.3
12.2 – 14.9
12.2 – 13.5
1
1
1
1
18.8
17.0
20.1
18.2
31.9
35.3
29.9
33.0
5
5
5
5
SMBG12
SMBG12A
SMBG13
SMBG13A
SMBJ12
SMBJ12A
SMBJ13
SMBJ13A
12
12
13
13
13.3 – 16.3
13.3 – 14.7
14.4 – 17.6
14.4 – 15.9
1
1
1
1
22.0
19.9
23.8
21.5
27.3
30.2
25.2
27.9
5
5
1
1
SMBG14
SMBG14A
SMBG15
SMBG15A
SMBJ14
SMBJ14A
SMBJ15
SMBJ15A
14
14
15
15
15.6 – 19.1
15.6 – 17.2
16.7 – 20.4
16.7 – 18.5
1
1
1
1
25.8
23.2
26.9
24.4
23.3
25.8
22.3
24.0
1
1
1
1
SMBG16
SMBG16A
SMBG17
SMBG17A
SMBJ16
SMBJ16A
SMBJ17
SMBJ17A
16
16
17
17
17.8 – 21.8
17.8 – 19.7
18.9 – 23.1
18.9 – 20.9
1
1
1
1
28.8
26.0
30.5
27.6
20.8
23.1
19.7
21.7
1
1
1
1
SMBG18
SMBG18A
SMBG20
SMBG20A
SMBJ18
SMBJ18A
SMBJ20
SMBJ20A
18
18
20
20
20.0 – 24.4
20.0 – 22.1
22.2 – 27.1
22.2 – 24.5
1
1
1
1
32.2
29.2
35.8
32.4
18.6
20.5
16.7
18.5
1
1
1
1
SMBG22
SMBG22A
SMBG24
SMBG24A
SMBJ22
SMBJ22A
SMBJ24
SMBJ24A
22
22
24
24
24.4 – 29.8
24.4 – 26.9
26.7 – 32.6
26.7 – 29.5
1
1
1
1
39.4
35.5
43.0
38.9
15.2
16.9
14.0
15.4
1
1
1
1
SMBG26
SMBG26A
SMBG28
SMBG28A
SMBJ26
SMBJ26A
SMBJ28
SMBJ28A
26
26
28
28
28.9 – 35.3
28.9 – 31.9
31.1 – 38.0
31.1 – 34.4
1
1
1
1
46.6
42.1
50.0
45.4
12.4
14.2
12.0
13.2
1
1
1
1
SMBG30
SMBG30A
SMBG33
SMBG33A
SMBJ30
SMBJ30A
SMBJ33
SMBJ33A
30
30
33
33
33.3 – 40.7
33.3 – 36.8
36.7 – 44.9
36.7 – 40.6
1
1
1
1
53.5
48.4
59.0
53.3
11.2
12.4
10.2
11.3
1
1
1
1
SMBG36
SMBG36A
SMBG40
SMBG40A
SMBJ36
SMBJ36A
SMBJ40
SMBJ40A
36
36
40
40
40.0 – 48.9
40.0 – 44.2
44.4 – 54.3
44.4 – 49.1
1
1
1
1
64.3
58.1
71.4
64.5
9.3
10.3
8.4
9.3
1
1
1
1
SMBG43
SMBG43A
SMBG45
SMBG45A
SMBJ43
SMBJ43A
SMBJ45
SMBJ45A
43
43
45
45
47.8 – 58.4
47.8 – 52.8
50.0 – 61.1
50.0 – 55.3
1
1
1
1
76.7
69.4
80.3
72.7
7.8
8.6
7.5
8.3
1
1
1
1
Microsemi
Scottsdale Division
Page 2
Copyright
© 2009
SA3-37, REV J, 5-24-2009
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503



Html Pages

1 2 3 4