| Moteur de recherche de fiches techniques de composants électroniques |
|
B022-002-KT-R Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
B022-002-KT-R Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 4 page ![]() 2-Port Desktop KVM Switch w/ 2 KVM Cable Kits (PS2) MODEL NUMBER: B022-002-KT-R Description Tripp Lite's B022-002-KT-R 2-port KVM Switch is the optimal solution for controlling 2 computers from one keyboard, mouse and monitor. Installation is a snap - just connect the PCs using the included PS/2 cable kits. P776-Series USB KVM cable kits are available separately for connection of USB computers. Easily switch between computers via front-panel push buttons or keyboard hotkey commands. Features Control 2 computers from a single keyboard, mouse, and monitor Comes with 2 PS/2 KVM cable kits P776-Series USB KVM cable kits are available separately for connection of USB computers Supports VGA, SVGA, or Multisync monitors Easy to install - no software required Easily select a computer via front-panel push buttons or keyboard hotkeys Auto Scan function to monitor computer operation Supports Microsoft IntelliMouse and the scrolling wheel on most mice Superior video quality - up to 2048x1536; DDC2B External power not required Compatible with all major operating systems except Mac and Sun Specifications OVERVIEW # Of Users 1 Console No Highlights Control 2 computers with 1 keyboard, monitor and mouse Comes with 2 PS/2 KVM cable kits P776-Series USB KVM cable kits are available separately for connection of USB computers Simple plug-and-play design Ultra-slim design takes up minimal space Compatible with all major operating systems except Mac and Sun System Requirements VGA, SVGA or Multisync Monitor with an HD15 port PS/2 mouse PS/2 keyboard PS/2 or USB computer Compatible with all major operating systems except Mac and Sun Package Includes B022-002-KT-R 2-port KVM Switch (x2) PS/2 KVM Cable Kits PS/2 console cable kit Owner's Manual 1 / 3 |
Numéro de pièce similaire - B022-002-KT-R |
|
Description similaire - B022-002-KT-R |