| Moteur de recherche de fiches techniques de composants électroniques |
|
PRP186 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
PRP186 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 4 page ![]() Tel: 82-32-817-4325 Resistors And Fax: 82-32-817-4329 Resistive Applications Web: http://www.raraohm.com Email: sg@raraohm.com Date: 2012-12-12 Copyright©RARA Electronics Corp. PR18 SINGLE-TURN ROTARY POTENTIOMETERS Description The PR 18... single-turn, housed in a metal case, rotary carbon control potentiometers. It comprises a carbon resistive track fitted on a resin modified paper base. Base diameter of potentiometers is 18 mm. Resistance track can be linear-A, logarithmic-B, inverse logarithmic-C. Potentiometers are made single or tandem, with plastic or metallic spindle. Terminals are designed for the PCB or soldering pins. Applications Potentiometers are widely used in electronic audio-video equipment, electric domestic equipment and outer control elements. Quick Reference Data Parameter Value Rated resistance R N According E3- series (1 - 2,2 - 4,7 - 10 etc.) Resistance range:A low (linear) (ohms) B low (logarithmic) (ohms) C low (inverse logarithmic) (ohms) 120 ÷ 2,2M 1k ÷ 1M 1k ÷ 1M Tolerance of resistance (%) ±5% on RN less or = 470kohms on request ±10% on RN less or = 470kohms on request ±20% on RN less or = 220kohms on request ±30% on RN more than 220kohms on request Maximum dissipation PN at Tamb= 40oC: A low (W) B low (W) C low (W) 0.2 0.1 0.1 Maximum limit voltage : A low (V) B low (V) C low (V) 200 200 200 Total mechanical angle of rotation ( o) 300 ± 5 Synchronous characteristic: (dB) (only for tandem potencjometers G) - for linear A at values between 10 and 90 % of RTotal - for logarithmic B at attenuation range 0 ÷ 40dB ≤2 ≤4 Maximum dissipation at category temperature 25% PN Switch data: voltage/current 120 V / 1 AAC or 16 V / 2 ADC Climatic category 25/070/10 Marking Marking on metal case: producer "TELPOD"; rated resistance; month and year of production. Ordering example: Please order by an example: We need potentiometer 18 mm; with switch; single; 47kW; linear A low; diameter of spindle 6 mm, long 25 mm; end type of spindle P-6; for mounting on printed circuit board: Potentiometer PRP 185 s56 47kohm A 25 P6 Packing The potentiometers can be supplied in bulk packing in a plastic bags and in a carton box. |
Numéro de pièce similaire - PRP186 |
|
Description similaire - PRP186 |