| Moteur de recherche de fiches techniques de composants électroniques |
|
LP1040CC Fiches technique(PDF) 2 Page - Marl International Limited |
|
|
|||||||||||||||||||||||||||||
LP1040CC Fiches technique(HTML) 2 Page - Marl International Limited |
|
2 / 2 page ![]() INDUSTRIES CORP. 5625-A S. Arville, Las Vegas, NV 89118 Tel:702-364-9998 Fax: 702-364-1562 www.magtechind.com Anz094i MECHANICAL DRAWING Model Information – Single DC output LP1040-XX XX – Voltage rating, 10, 08, 09, 10 …….. 24. AC input cable AWG #18, two conductors UL PLTC type or equiv. DC output cable AWG #18, two conductors UL PLTC type or equiv. mm [inch] 5 [0.20] (2X) 95 [3.74] LP1040 32 [1.26] 10 [0.39] (2X) AC INPUT WIRES DC OUTPUT WIRES |