Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WHS2 Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce WHS2
Description  Wirewound High Surge Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

WHS2 Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  WHS2 Datasheet HTML 1Page - List of Unclassifed Manufacturers WHS2 Datasheet HTML 2Page - List of Unclassifed Manufacturers WHS2 Datasheet HTML 3Page - List of Unclassifed Manufacturers WHS2 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Wirewound High Surge Resistors
WHS Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
02.14
Application Notes
1. If the resistors are to dissipate full rated power, it is recommended that the terminations should not be soldered closer than
4mm from the body.
2. Due to operating temperature limits imposed by some PCB materials, derating may be necessary. The surface temperature rise
at the centre of the body is shown under Thermal Performance.
3. WHS2, WHS3, WHS5 resistors can also be supplied with goalpost or lancet pre-formed leads. Radial form is available on
WHS2 and WHS3 only.
WHS2, WHS3, and WHS5 are also available in an SMD format with Z formed leads and packed in blister tape. See the Z-form
datasheet for details http://www.welwyn-tt.com/pdf/datasheet/Z-form.pdf
Thermal Performance
WHS10N
WHS10
WHS7
WHS5
WHS3
WHS2
Derating Curve
Body Temperature Rise
Ambient Temperature °C
Power (W)
WHS10N
WHS2
WHS3
WHS5
WHS7
WHS10(N)
WHS2-7



Html Pages

1 2 3 4