Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STX13004-AP Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce STX13004-AP
Description  High voltage fast-switching NPN power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STX13004-AP Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button STX13004-AP Datasheet HTML 3Page - STMicroelectronics STX13004-AP Datasheet HTML 4Page - STMicroelectronics STX13004-AP Datasheet HTML 5Page - STMicroelectronics STX13004-AP Datasheet HTML 6Page - STMicroelectronics STX13004-AP Datasheet HTML 7Page - STMicroelectronics STX13004-AP Datasheet HTML 8Page - STMicroelectronics STX13004-AP Datasheet HTML 9Page - STMicroelectronics STX13004-AP Datasheet HTML 10Page - STMicroelectronics STX13004-AP Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
STX13004
Package mechanical data
Doc ID 15543 Rev 3
7/11
3
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11