| Moteur de recherche de fiches techniques de composants électroniques |
|
L45RN-R12-2111 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
L45RN-R12-2111 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 6 page ![]() PRESSFIT INDICATOR LIGHTS FOR 5/16" DIA. MOUNTING HOLE Indicator Lights I-25 Lighting Components & Design, Inc.® · 692 S. Military Trail, Deerfield Bch., FL33442 · TEL: (954)-425-0123 FAX: (954)-425-0110 Revised July, 1997 Overview The 45 Series Indicators feature a wide variety of lens colors and bezel variations. 45 Series Indicators are designed with 1/8" tab terminals or 3/16" tab terminals. Indicators mount into a 5/16", (7.93mm) mounting hole with a recommended panel thickness of 0.020" minimum. A speed nut, part number 8700071688, is supplied. Specifications Housing: white nylon. A black housing is available. Lens: polycarbonate. Bezel: zinc plated brass. A black anodized bezel is available. Incandescent AC or DC voltage options: 6, 14 and 28 volts. Neon AC or DC voltage options: 125 and 250 volts. Note: high brightness green and blue neon lamps supplied in green and blue neon applications. LED DC voltage options: 2, 6, 12, 24. Terminals: 1/8" Tabs: brass, (0.125" width x 0.020" thick). 3/16" Tabs: brass, (0.187" width x 0.020" thick). For LED units, a tin plated terminal denotes the anode (+). 45 SERIES · PRESSFIT NEON, LED & INCANDESCENT INDICATOR LIGHTS · 5/16" DIA. MOUNTING HOLE · WHITE NYLON HOUSING · 1/8" OR 3/16" TAB TERMINALS · 2 TO 250 DESIGN VOLTS · FLUSH OR HI-HAT LENSES · VARIETY OF COLORS · UL AND CSA RECOGNIZED · UL FILE E20356 · CSA FILE LR15284-17 Can't find it here? We have many more standard and custom solutions. For information phone Customer Service at 954-425-0123 or complete the "Fast FAX" form on Appendix, page A-1. 1/32" 19/64" 1/64" 19/64" Flush Lens Style Without bezel. With bezel. Hi-Hat Lens Style Without bezel. With bezel. 7/32" 19/64" 19/64" 13/64" 1-31/32" 1-11/64" 13/32" DIA. 3/16" |
Numéro de pièce similaire - L45RN-R12-2111 |
|
Description similaire - L45RN-R12-2111 |