| Moteur de recherche de fiches techniques de composants électroniques |
|
TSL25911 Fiches technique(PDF) 21 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
TSL25911 Fiches technique(HTML) 21 Page - ams AG |
|
21 / 25 page ![]() Datasheet - Apr. 2013 - ams163.5 TSL2591 – 21 Figure TSL2591 – 20: FN Package Carrier Tape and Reel Information Notes: 1. All linear dimensions are in millimeters. Dimension tolerance is ± 0.10 mm unless otherwise noted. 2. The dimensions on this drawing are for illustrative purposes only. Dimensions of an actual carrier may vary slightly. 3. Symbols on drawing AO, BO and KO are defined in ANSI EIA Standard 481-B 2001. 4. Each reel is 178 millimeters in diameter and contains 3500 parts. 5. ams packaging tape and reel conform to the requirements of EIA Standard 481 - B. 6. In accordance with EIA Standard, device pin 1 is located next to the sprocket holes in the tape. 7. This drawing is subject to change without notice. Mechanical Data |