| Moteur de recherche de fiches techniques de composants électroniques |
|
AS5600-ASOM Fiches technique(PDF) 29 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5600-ASOM Fiches technique(HTML) 29 Page - ams AG |
|
29 / 42 page ![]() ams Datasheet Page 29 [v1-00] 2014-Aug-11 Document Feedback AS5600 − Detailed Description Figure 33: Fast Filter Threshold Figure 34: Step Response (fast filter on) Direction (clockwise vs. counterclockwise) The AS5600 allows controlling the direction of the magnet rotation with the DIR pin. If DIR is connected to GND (DIR = 0) a clockwise rotation viewed from the top will generate an FTH Fast Filter Threshold (LSB) Slow-to-fast filter Fast-to-slow filter 000 Slow filter only 001 6 1 010 7 1 011 9 1 100 18 2 101 21 2 110 24 2 111 10 4 Input Sampling Frequency Settling Time according slow filter setting Noise Fast Filter Noise slow filter Output response Fast filter step response Threshold |