Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5147 Fiches technique(PDF) 13 Page - ams AG

No de pièce AS5147
Description  14-Bit On-Axis Magnetic Rotary Position Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5147 Fiches technique(HTML) 13 Page - ams AG

Back Button AS5147 Datasheet HTML 9Page - ams AG AS5147 Datasheet HTML 10Page - ams AG AS5147 Datasheet HTML 11Page - ams AG AS5147 Datasheet HTML 12Page - ams AG AS5147 Datasheet HTML 13Page - ams AG AS5147 Datasheet HTML 14Page - ams AG AS5147 Datasheet HTML 15Page - ams AG AS5147 Datasheet HTML 16Page - ams AG AS5147 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
ams Datasheet: 2014-Jun-27 [v1-04]
AS5147 – 13
Detaile d Desc rip t ion
Figure 17:
SPI Write Data Frame
The parity bit PARD must be calculated from the 16-bit data.
In an SPI write transaction, the write command frame (e.g. Write
ADD[n]) is followed by a data frame (e.g. DATA [x]). In addition
to writing an address in the AS5147, a write command frame
causes the old contents of the addressed register (e.g. DATA [y])
to be sent on MISO in the following frame. This is followed by
the new contents of the addressed register (DATA [x]) as shown
in Figure 19.
Figure 18:
SPI Write Transaction
Bit
Name
Description
15
PARD
Parity bit (even)
14
0
Always low
13:0
DATA
Data
Write ADD[n]
CSn
MOSI
MISO
DATA (x)
DATA (y)
Write (ADDm)
DATA (p)
Next command
DATA (y)
DATA (y)
DATA (x)
Command
Command
Command
Data to write into ADD[n]
Data content of ADD[n]
New Data content
of ADD[n]
Data content of ADD[m]
New Data content
of ADD[m]
Data to write into ADD[n]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35