Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5055A Fiches technique(PDF) 21 Page - ams AG

No de pièce AS5055A
Description  Low Power 12-Bit Magnetic Position Sensor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5055A Fiches technique(HTML) 21 Page - ams AG

Back Button AS5055A Datasheet HTML 17Page - ams AG AS5055A Datasheet HTML 18Page - ams AG AS5055A Datasheet HTML 19Page - ams AG AS5055A Datasheet HTML 20Page - ams AG AS5055A Datasheet HTML 21Page - ams AG AS5055A Datasheet HTML 22Page - ams AG AS5055A Datasheet HTML 23Page - ams AG AS5055A Datasheet HTML 24Page - ams AG AS5055A Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
ams Datasheet
Page 21
[v2-03] 2014-Jul-31
Document Feedback
AS5055A − Registers
Possible Conditions which force the Error Flag to be set:
• Wrong parity
• Wrong command
• Wrong number of clocks
Note(s): If the error flag is set to 1 because of a communication
problem the flag remains set until a Clear Error Flag Command
is executed.
No Operation (0x0000)
The No Operation (NOP) command represents a dummy write
to the AS5055A. If no error happens the chip responds with
0x0000.
Figure 27:
NOP Command
AGC – Automatic Gain Control (0x3FF8)
Writing a value different than zero to this register, stops the AGC
loop and keeps a constant AGC value.
Figure 28:
AGC
Angular Data (0x3FFF)
Figure 29:
Angular Data
Bit
15
141312
11
10
9
8
7
6
5
4
3
2
1
0
Content
0
0
0000
00000
0
0
0
0
PAR
Name
Read/Write
Bit Position
Description
AGC
R/W
5:0
Automatic Gain Control value
Name
Read/Write
Bit Position
Description
Alarm Lo
R
13
Alarm flag, which indicates a too low magnetic field
Alarm Hi
R
12
Alarm flag, which indicates a too high magnetic field
Angle Value
R
11:0
Angular value in 12 bit binary code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31