| Moteur de recherche de fiches techniques de composants électroniques |
|
AS3953A Fiches technique(PDF) 39 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3953A Fiches technique(HTML) 39 Page - ams AG |
|
39 / 42 page ![]() www.ams.com Revision 1.3 39 - 42 AS3953A Datasheet - Packa ge Drawin gs and Ma rk ings Figure 17. Gold Bumped Dies 11-pins Table 12. Specification for Gold Bumps Item Min Max Unit Backgrinded Wafer Height (excl bimp height) 150 µm Bump Height 13 17 µm Height Coplanarity for within Wafer < 4 µm Height Coplanarity for within Die < 2 µm Surface roughness <= 3 µm Hardness 35 65 Hv Shear Force 8 >= mg/µm 2 |