| Moteur de recherche de fiches techniques de composants électroniques |
|
AS3911B Fiches technique(PDF) 33 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3911B Fiches technique(HTML) 33 Page - ams AG |
|
33 / 155 page ![]() ams Datasheet: 2014-Jun-12 [v1-08] AS3911B – 33 Appl icatio n I n f o rm a t i o n Figure 17: Phase Detector Inputs and Output in case of 90º Phase Shift Figure 18: Phase Detector Inputs and Output in case of 135º Phase Shift Amplitude Detector Signals from pins RFI1 and RFI2 are used as inputs to the self-mixing stage. Output of this stage is DC voltage proportional to amplitude of signal on pins RFI1 and RFI2. During execution of direct command Measure Amplitude this output is multiplexed to A/D Converter input. VSP VSP VSP 0 VSP/2 VSP VSP 0 VSP/2 VSP |