Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3709 Fiches technique(PDF) 46 Page - ams AG

No de pièce AS3709
Description  關PMIC with 5 DCDC and 2 LDOs
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3709 Fiches technique(HTML) 46 Page - ams AG

Back Button AS3709 Datasheet HTML 42Page - ams AG AS3709 Datasheet HTML 43Page - ams AG AS3709 Datasheet HTML 44Page - ams AG AS3709 Datasheet HTML 45Page - ams AG AS3709 Datasheet HTML 46Page - ams AG AS3709 Datasheet HTML 47Page - ams AG AS3709 Datasheet HTML 48Page - ams AG AS3709 Datasheet HTML 49Page - ams AG AS3709 Datasheet HTML 50Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 74 page
background image
AS3709 – 46
ams Datasheet, Confidential: 2013-Aug [1-02]
Re g i st e r De sc rip t ion
Figure 61:
GPIO2control Register (Address 0dh)
Addr: 0dh
GPIO2control
Bit
Bit Name
Default
Access
Bit Description
7gpio2_invert
0
RW
Invert GPIO2 input/output
  0 : Normal mode
  1 : Invert input or output
6:3
gpio2_iosf
'b0000
RW
Select the GPIO2 special function
  .0 : Normal i/o operation
  .1 : Interrupt output
  .2 : VSUP_low output
  .3 : GPIO interrupt input
  .4 : NA
  .5 : Vselect input, (apply on reg1_select and
reg2_select, if gpio1_iosf=5 then apply on reg2_select
only)
  .6 : standby + Vselect + restart interrupt input
  .7 : pwr_good output
  .8 : NA
  .9 : NA
  10 : NA
  11 : NA
  12 : NA
  13 : NA
  14 : NA
  15 : NA
2:0
gpio2_mode
'b011
RW
Selects the GPIO2 mode (I, I/O, Tri, Pulls)
  0 : Input
  1 : Output (push and pull)
  2 : IO (open drain, only NMOS is active)
  3 : NA
  4 : Input with pullup
  5 : Input with pulldown
  6 : IO (open drain (NMOS) with pullup)
  7 : NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74