Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT54SWT1G Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce BAT54SWT1G
Description  Dual Series Schottky Barrier Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAT54SWT1G Fiches technique(HTML) 3 Page - ON Semiconductor

  BAT54SWT1G Datasheet HTML 1Page - ON Semiconductor BAT54SWT1G Datasheet HTML 2Page - ON Semiconductor BAT54SWT1G Datasheet HTML 3Page - ON Semiconductor BAT54SWT1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BAT54SWT1G, NSVBAT54SWT1G
http://onsemi.com
3
100
0.0
0.1
VF, FORWARD VOLTAGE (VOLTS)
0.2
0.3
0.4
0.5
10
1.0
0.1
85C
10
0
VR, REVERSE VOLTAGE (VOLTS)
1.0
0.1
0.01
0.001
510
15
20
25
0
VR, REVERSE VOLTAGE (VOLTS)
510
15
30
Figure 2. Forward Voltage
Figure 3. Leakage Current
Figure 4. Total Capacitance
−40C
25C
TA = 150C
0.6
−55C
150C
125C
100
1000
30
25
20
14
12
10
8
6
4
2
0
TA = 125C
TA = 85C
TA = 25C



Html Pages

1 2 3 4