| Moteur de recherche de fiches techniques de composants électroniques |
|
PS110W Fiches technique(PDF) 1 Page - DB Lectro Inc |
|
|
|||||||||||||||||||||||||||||
PS110W Fiches technique(HTML) 1 Page - DB Lectro Inc |
|
1 / 2 page ![]() Factory Reset Button Sensitivity Power Status Ethernet Wireless Serial1 Serial2 Power Input Ethernet Interface Console Interface Serial Interface Factory Reset Button Sensitivity Power Status Ethernet Wireless Serial1 Power Input Ethernet Interface Console Interface Serial Interface Wireless Device Server, HelloDevice Pro Series, PS110W/210W Features - Connects legacy serial devices to 802.11b/g Wi-Fi or 10/100Base-T Ethernet network. - Supports surge protector for RS232 interface, up to 230Kbps speed. - Flexible TCP/UDP host mode support: Multiple host connection/data transfer. - Powerful security support, 64/128-bit WEP, WPA/WPA2 and SSL (Secure Socket Layer) - Support versatile system logging & port logging - Configuration via Web, Telnet/SSH, Windows Utility or console. - Supports RFC 2217, Telnet COM Port Control Protocol. Panel Layout www.sena.com The Linux-based PS110W and PS210W are Universal 1/2 port wireless device server that allows your legacy serial devices manageable by 802.11b/g or 10/100Mbps Ethernet network. Users can feel safe applying the PS110W and the PS210W in real world applications, since all models are equipped with surge protectors for serial ports. Included features are full-featured system management functionality of system status display, firmware upgrade, remote reset and system log display by using various accessibility options such as, telnet, serial console port or web. For critical applications of secure data communication, the PS110W and the PS210W support SSL/TLS for data encryption, HTTPS, SSH, and such wireless security protocols as 64/128-bit WEP, WPA/WPA2. It also supports telnet COM port control protocol, i.e. RFC2217 which enables user devices to deliver the pin status information to the serial application. In modem emulation mode, the unit accepts modem AT commands on the serial port and establishes a secure network connection to the end device, providing a cost-effective solution by eliminating dedicated modems and phone lines. The PS110W and the PS210W are the ideal wireless M2M solution for the users who are looking for the cost-effective, most secure, scalable linux- based serial device servers for their RS232 serial devices. ▶ PS110W ▶ PS210W |
Numéro de pièce similaire - PS110W |
|
Description similaire - PS110W |