| Moteur de recherche de fiches techniques de composants électroniques |
|
KSC6 Fiches technique(PDF) 4 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
KSC6 Fiches technique(HTML) 4 Page - C&K Components |
|
4 / 6 page ![]() KSC Series Sealed Tact Switch for SMT 0,3±0,05 (.012±.002) 4,0+0,2/-0,0 (.157+.008/-.000) 8,0 (.315) 2±0,05 (.079±.002) 20,05 (.079.002) ø1,5+0,2/-0,0 (.059+.008/-.000) ø1,5+0,1/-0,0 (.059+.004/-.000) 6,6+0,2/-0,0 (.260+.008/-.000) 2˚0' max. 0,25±0,05 (.010±.002) 3,15+0,2/-0,0 (.124+.008/-.000) 8,0 (.315) 2,0±0,05 (.079±.002) 2,00,05 (.079.002) ø1,5+0,2/-0,0 (.059+.008/-.000) ø1,5+0,1/-0,0 (.059+.004/-.000) 6,6+0,2/-0,0 (.260+.008/-.000) 2˚0' max. 0,3±0,05 (.012±.002) 3,2+0,2/-0,0 (.126+.008/-.000) 8,0 (.315) 2,0±0,05 (.079±.002) 2,0±0,05 (.079±.002) ø1,5+0,2/-0,0 (.059+.008/-.000) ø1,5+0,1/-0,0 (.059+.004/-.000) 6,6+0,2/-0,0 (.260+.008/-.000) 2˚0' max. FOR KSC1 J TERMINATION 0,250,05 (.010.002) 3,95+0,2/-0,0 (.156+.008/-.000) 8,0 (.315) 20,05 (.079.002) 20,05 (.079.002) ø1,5+0,2/-0,0 (.059+.008/-.000) ø1,5+0,1/-0,0 (.059+.004/-.000) 6,6+0,2/-0,0 (.260+.008/-.000) 2˚0' max. FOR KSC2 & KSC3 G TERMINATION FOR KSC1 G TERMINATION FOR KSC2 & KSC3 J TERMINATION DIRECTION OF FEED DIRECTION OF FEED DIRECTION OF FEED DIRECTION OF FEED TAPE & REEL B–38 Dimensions are shown: mm (inches) Specifications and dimensions subject to change www.ck-components.com B 9 Apr 14 |