Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

E3Z-R86 Fiches technique(PDF) 8 Page - Omron Electronics LLC

No de pièce E3Z-R86
Description  Photoelectric Sensor with Built-in Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3Z-R86 Fiches technique(HTML) 8 Page - Omron Electronics LLC

Back Button E3Z-R86 Datasheet HTML 4Page - Omron Electronics LLC E3Z-R86 Datasheet HTML 5Page - Omron Electronics LLC E3Z-R86 Datasheet HTML 6Page - Omron Electronics LLC E3Z-R86 Datasheet HTML 7Page - Omron Electronics LLC E3Z-R86 Datasheet HTML 8Page - Omron Electronics LLC E3Z-R86 Datasheet HTML 9Page - Omron Electronics LLC E3Z-R86 Datasheet HTML 10Page - Omron Electronics LLC E3Z-R86 Datasheet HTML 11Page - Omron Electronics LLC E3Z-R86 Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
E3Z
E3Z
9
Unit: mm (inch)
J
SLITS
E39-S65D
E39-S65E
E39-S65F
Side A
Material
SUS301
stainless
steel
Model
E39-S65A
E39-S65B
E39-S65C
0.5 dia.
1.0 dia.
2.0 dia.
Side A
Material
SUS301
stainless
steel
Model
E39-S65D
E39-S65E
E39-S65F
0.5
1.0
2.0
E39-S65A
E39-S65B
E39-S65C
32.2
(1.27)
32.2
(1.27)
10.4
(0.41)
10.4
(0.41)
15.5
(0.61)
15.5
(0.61)
Material
Surface: Acrylic resin
Backside: ABS resin
Two, 3.5 dia.
J
REFLECTORS
E39-R1
E39-R1S
40.3 (1.59)
59.9
(2.36)
7.5
(0.30)
5.2
(2.05)
2.7
(0.11)
34 (1.34)
1.6 (0.06)
E39-R2
Material
Surface: Acrylic resin
Backside: ABS resin
Four, 3.5 dia.
80.8 (3.18)
74.5 (2.93)
59.9
(2.36)
52
(2.05)
1.6 (0.06)
7.5
(0.30)
34 (1.34)
7 (0.28)
6.5 (0.26)
7
7
8
2.7
(0.11)
E39-R9
42.3
(1.67)
21
15
25 (0.98)
35.4 (1.39)
8
(0.31)
3.5 (0.14)
5.5 (0.22)
Material
Reflecting surface: Acrylic resin
Back: ABS resin
30.9 (1.22)
4 (0.16)
8 (0.31)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15