| Moteur de recherche de fiches techniques de composants électroniques |
|
E3Z-R66 Fiches technique(PDF) 8 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E3Z-R66 Fiches technique(HTML) 8 Page - Omron Electronics LLC |
|
8 / 15 page ![]() E3Z E3Z 9 Unit: mm (inch) J SLITS E39-S65D E39-S65E E39-S65F Side A Material SUS301 stainless steel Model E39-S65A E39-S65B E39-S65C 0.5 dia. 1.0 dia. 2.0 dia. Side A Material SUS301 stainless steel Model E39-S65D E39-S65E E39-S65F 0.5 1.0 2.0 E39-S65A E39-S65B E39-S65C 32.2 (1.27) 32.2 (1.27) 10.4 (0.41) 10.4 (0.41) 15.5 (0.61) 15.5 (0.61) Material Surface: Acrylic resin Backside: ABS resin Two, 3.5 dia. J REFLECTORS E39-R1 E39-R1S 40.3 (1.59) 59.9 (2.36) 7.5 (0.30) 5.2 (2.05) 2.7 (0.11) 34 (1.34) 1.6 (0.06) E39-R2 Material Surface: Acrylic resin Backside: ABS resin Four, 3.5 dia. 80.8 (3.18) 74.5 (2.93) 59.9 (2.36) 52 (2.05) 1.6 (0.06) 7.5 (0.30) 34 (1.34) 7 (0.28) 6.5 (0.26) 7 7 8 2.7 (0.11) E39-R9 42.3 (1.67) 21 15 25 (0.98) 35.4 (1.39) 8 (0.31) 3.5 (0.14) 5.5 (0.22) Material Reflecting surface: Acrylic resin Back: ABS resin 30.9 (1.22) 4 (0.16) 8 (0.31) |