Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLC548IP Fiches technique(PDF) 14 Page - Texas Instruments

No de pièce TLC548IP
Description  8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TLC548IP Fiches technique(HTML) 14 Page - Texas Instruments

Back Button TLC548IP Datasheet HTML 10Page - Texas Instruments TLC548IP Datasheet HTML 11Page - Texas Instruments TLC548IP Datasheet HTML 12Page - Texas Instruments TLC548IP Datasheet HTML 13Page - Texas Instruments TLC548IP Datasheet HTML 14Page - Texas Instruments TLC548IP Datasheet HTML 15Page - Texas Instruments TLC548IP Datasheet HTML 16Page - Texas Instruments TLC548IP Datasheet HTML 17Page - Texas Instruments TLC548IP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
TLC548CDR
SOIC
D
8
2500
340.5
338.1
20.6
TLC548IDR
SOIC
D
8
2500
340.5
338.1
20.6
TLC549CDR
SOIC
D
8
2500
340.5
338.1
20.6
TLC549IDR
SOIC
D
8
2500
340.5
338.1
20.6
TLC549IPSR
SO
PS
8
2000
367.0
367.0
38.0
PACKAGE MATERIALS INFORMATION
www.ti.com
12-Sep-2013
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20