Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

80960KB Fiches technique(PDF) 39 Page - Intel Corporation

No de pièce 80960KB
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

80960KB Fiches technique(HTML) 39 Page - Intel Corporation

Back Button 80960KB Datasheet HTML 35Page - Intel Corporation 80960KB Datasheet HTML 36Page - Intel Corporation 80960KB Datasheet HTML 37Page - Intel Corporation 80960KB Datasheet HTML 38Page - Intel Corporation 80960KB Datasheet HTML 39Page - Intel Corporation 80960KB Datasheet HTML 40Page - Intel Corporation 80960KB Datasheet HTML 41Page - Intel Corporation 80960KB Datasheet HTML 42Page - Intel Corporation 80960KB Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
80960KB
33
4.0
WAVEFORMS
Figures 27, 28, 29 and 30 show the waveforms for various transactions on the 80960KB’s local bus.
Figure 27. Non-Burst Read and Write Transactions Without Wait States
Ta
Td
Tr
Ta
Td
Tr
CLK2
CLK
LAD31:0
ALE
ADS
BE3:0
W/R
DT/R
DEN
READY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44