Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74LVC2G53 Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce SN74LVC2G53
Description  SN74LVC2G53 Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G53 Fiches technique(HTML) 2 Page - Texas Instruments

  SN74LVC2G53_14 Datasheet HTML 1Page - Texas Instruments SN74LVC2G53_14 Datasheet HTML 2Page - Texas Instruments SN74LVC2G53_14 Datasheet HTML 3Page - Texas Instruments SN74LVC2G53_14 Datasheet HTML 4Page - Texas Instruments SN74LVC2G53_14 Datasheet HTML 5Page - Texas Instruments SN74LVC2G53_14 Datasheet HTML 6Page - Texas Instruments SN74LVC2G53_14 Datasheet HTML 7Page - Texas Instruments SN74LVC2G53_14 Datasheet HTML 8Page - Texas Instruments SN74LVC2G53_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
COM
Y
Y2
A
INH
Y1
COM
5
2
7
6
1
SW
SW
NOTE A: For simplicity, the test conditions shown in Figures 1 through 4 and 6 through 10 are for the demultiplexer configuration. Signals can
be passed from COM to Y1 (Y2) or from Y1 (Y2) to COM.
SN74LVC2G53
SCES324N – JULY 2001 – REVISED JANUAY 2014
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Function Table
CONTROL
ON
INPUTS
CHANNEL
INH
A
L
L
Y1
L
H
Y2
H
X
None
Logic Diagram (Positive Logic)
Simplified Schematic, Each Switch (SW)
2
Submit Documentation Feedback
Copyright © 2001–2014, Texas Instruments Incorporated
Product Folder Links :SN74LVC2G53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23