Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DR349-2 Fiches technique(PDF) 2 Page - Datatronic Distribution, Inc.

No de pièce DR349-2
Description  SMD INDUCTOR DR349-2 SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DATATRONICS [Datatronic Distribution, Inc.]
Site Internet  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR349-2 Fiches technique(HTML) 2 Page - Datatronic Distribution, Inc.

  DR349-2_14 Datasheet HTML 1Page - Datatronic Distribution, Inc. DR349-2_14 Datasheet HTML 2Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
August 19, 2009
DATATRONIC
: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Fax: 951-928-7701 Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice. Page 2 of 2
PART NO.
INDUCTANCE (
µH)
DCR (
Ω) MAX.
MAX. RATED CURRENT (A)
DR349-2-124
120
±5%
@0.796MHz
8.0
0.110
DR349-2-154
150
±5%
@0.796MHz
9.0
0.105
DR349-2-184
180
±5%
@0.796MHz
9.5
0.105
DR349-2-224
220
±5%
@0.796MHz
10
0.100
DR349-2-274
270
±5%
@0.796MHz
12
0.092
DR349-2-334
330
±5%
@0.796MHz
14
0.085
DR349-2-394
390
±5%
@0.796MHz
16
0.080
DR349-2-474
470
±5%
@0.796MHz
26
0.062
DR349-2-564
560
±5%
@0.796MHz
30
0.050
DR349-2-684
680
±5%
@0.796MHz
30
0.050
DR349-2-824
820
±5%
@0.796MHz
35
0.030
DR349-2-105
1000
±5%
@0.252MHz
40
0.030
MECHANICAL OUTLINES
NOTES:
1.
All dimensions are shown in millimeters “mm”.
2.
General tolerance
±0.1mm unless otherwise specified.
3.
Tape and reel quantity, 500 pcs/reel
4.
For non-RoHS parts replace DR prefix with 42- (e.g. DR349-2 becomes 42-349-2).
5.
Terminal finish is compliant to RoHS requirements. Solder in accordance with J-STD-020D
.



Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com