Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DR331-6-103 Fiches technique(PDF) 1 Page - Datatronic Distribution, Inc.

No de pièce DR331-6-103
Description  SMD INDUCTOR DR331-6 SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DATATRONICS [Datatronic Distribution, Inc.]
Site Internet  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR331-6-103 Fiches technique(HTML) 1 Page - Datatronic Distribution, Inc.

  DR331-6-103 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
November 2, 2011
DATATRONIC: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Fax: 951-928-7701 Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
.450 MAX.
11,43
.370
9,40
.300
7,62
12
.510 MAX.
12,95
.100
2,54
331-6
XXX
SUGGESTED PAD LAYOUT
.109
2,79
.290
7,37
.115
2,92
1
2
SCHEMATIC
SMD INDUCTOR DR331-6 SERIES
Features
Surface Mount Design
Inductance Range from 10µH to 1000µH
Operating Temp. -40°C to +85°C
Tinned Leads with Leaded Solder is Available
(note 8)
ELECTRICAL SPECIFICATIONS AT 25°C
Inductance
DCR
I rms (A)
I sat (A)
SRF
Part No.
(
H)  20%
(
) Max.
Max. (Note 3)
Max. (Note 2)
(MHz) REF.
DR331-6-103
10
0.04
3.5
8.0
22
DR331-6-153
15
0.05
3.0
7.0
18
DR331-6-223
22
0.07
2.5
5.5
11
DR331-6-333
33
0.08
2.0
4.0
9.0
DR331-6-473
47
0.11
1.6
3.8
8.0
DR331-6-683
68
0.17
1.2
3.0
7.0
DR331-6-104
100
0.22
1.2
2.5
5.0
DR331-6-154
150
0.34
0.90
2.0
4.0
DR331-6-224
220
0.44
0.70
1.6
3.5
DR331-6-334
330
0.70
0.60
1.2
2.5
DR331-6-474
470
0.95
0.30
1.0
2.0
DR331-6-684
680
1.2
0.20
1.0
2.0
DR331-6-105
1000
2.0
0.10
0.80
1.5
MECHANICAL SPECIFICATIONS
NOTES:
1.
Dimensions are shown in inches/millimeters
Unless otherwise specified, tolerance
= Inches: ±0.010
= Millimeters: ±0,30
2.
Isat based on the inductance being 90% of its
initial value
3.
Irms based on temperature rise of 40°C
4.
Tape & Reel Packaging, 250 pcs / reel.
5.
Inductance tested at 0.1 Vrms @ 100 kHz
6.
Terminal finish is compliant to RoHS
requirements
7.
Solder in accordance with J-STD-002 Rev. D
8.
Non-RoHS series parts 42-331-6-XXX are
finished with leaded solder Sn60Pb40 or
equivalent


Numéro de pièce similaire - DR331-6-103

FabricantNo de pièceFiches techniqueDescription
logo
Datatronic Distribution...
DR331-6-103 DATATRONICS-DR331-6-103 Datasheet
81Kb / 1P
SMD INDUCTOR
More results

Description similaire - DR331-6-103

FabricantNo de pièceFiches techniqueDescription
logo
Datatronic Distribution...
DR331-1 DATATRONICS-DR331-1_14 Datasheet
71Kb / 1P
SMD INDUCTOR DR331-1 SERIES
DR331-2 DATATRONICS-DR331-2_14 Datasheet
73Kb / 1P
SMD INDUCTOR DR331-2 SERIES
DR331-3 DATATRONICS-DR331-3_14 Datasheet
71Kb / 1P
SMD INDUCTOR DR331-3 SERIES
DR331-4 DATATRONICS-DR331-4_14 Datasheet
79Kb / 1P
SMD INDUCTOR DR331-4 SERIES
DR331-5 DATATRONICS-DR331-5_14 Datasheet
82Kb / 1P
SMD INDUCTOR DR331-5 SERIES
DR331-7 DATATRONICS-DR331-7_14 Datasheet
80Kb / 2P
SHIELDED SMD INDUCTOR DR331-7 SERIES
DR331-8 DATATRONICS-DR331-8_14 Datasheet
71Kb / 1P
SHIELDED SMD INDUCTOR DR331-8 SERIES
DR331-9 DATATRONICS-DR331-9_14 Datasheet
94Kb / 1P
SHIELDED SMD INDUCTOR DR331-9 SERIES
DR349-6 DATATRONICS-DR349-6_14 Datasheet
65Kb / 2P
SMD INDUCTOR DR349-6 SERIES
DR353-6 DATATRONICS-DR353-6_14 Datasheet
81Kb / 1P
SMD INDUCTOR DR353-6 SERIES
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com