Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

80960KB Fiches technique(PDF) 9 Page - Intel Corporation

No de pièce 80960KB
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

80960KB Fiches technique(HTML) 9 Page - Intel Corporation

Back Button 80960KB Datasheet HTML 5Page - Intel Corporation 80960KB Datasheet HTML 6Page - Intel Corporation 80960KB Datasheet HTML 7Page - Intel Corporation 80960KB Datasheet HTML 8Page - Intel Corporation 80960KB Datasheet HTML 9Page - Intel Corporation 80960KB Datasheet HTML 10Page - Intel Corporation 80960KB Datasheet HTML 11Page - Intel Corporation 80960KB Datasheet HTML 12Page - Intel Corporation 80960KB Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
80960KB
3
Table 1. 80960KB Instruction Set
Data Movement
Arithmetic
Logical
Bit and Bit Field
Load
Store
Move
Load Address
Add
Subtract
Multiply
Divide
Remainder
Modulo
Shift
And
Not And
And Not
Or
Exclusive Or
Not Or
Or Not
Exclusive Nor
Not
Nand
Rotate
Set Bit
Clear Bit
Not Bit
Check Bit
Alter Bit
Scan For Bit
Scan Over Bit
Extract
Modify
Comparison
Branch
Call/Return
Fault
Compare
Conditional Compare
Compare and Increment
Compare and Decrement
Unconditional Branch
Conditional Branch
Compare and Branch
Call
Call Extended
Call System
Return
Branch and Link
Conditional Fault
Synchronize Faults
Debug
Miscellaneous
Decimal
Floating Point
Modify Trace Controls
Mark
Force Mark
Atomic Add
Atomic Modify
Flush Local Registers
Modify Arithmetic
Controls
Scan Byte for Equal
Test Condition Code
Modify Process Controls
Decimal Move
Decimal Add with Carry
Decimal Subtract with
Carry
Move Real
Add
Subtract
Multiply
Divide
Remainder
Scale
Round
Square Root
Sine
Cosine
Tangent
Arctangent
Log
Log Binary
Log Natural
Exponent
Classify
Copy Real Extended
Compare
Synchronous
Conversion
Synchronous Load
Synchronous Move
Convert Real to Integer
Convert Integer to Real



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44