Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EBC15DRAS Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce EBC15DRAS
Description  EDGECARD, 100 CC LP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

EBC15DRAS Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  EBC15DRAS Datasheet HTML 1Page - List of Unclassifed Manufacturers EBC15DRAS Datasheet HTML 2Page - List of Unclassifed Manufacturers EBC15DRAS Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Pb
RoHS COMPLIANT
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
3
2
1
E
F
E
F
DIMENSIONS ARE IN INCHES[MM]
TOLERANCES:
ANGULAR:
30'
.XX= .02 [.508]
.XXX= .005 [.1270]
.XXXX= .0005 [.0127]
SURFACE FINISH: 63 Ra
REMOVE ALL BURRS AND SHARP EDGES .010 MAX
INTERPRET DIMENSIONS AND GEOMETRIC
TOLERANCING
PER: ANSI Y14.5M-1994
UNLESS OTHERWISE SPECIFIED:
DATE
NAME
DRAWN
SIZE
C
DWG. NO.
REV
SHEET 2 OF 3
SCALE: 2:1
MNH
C10876
C
THE INFORMATION HEREIN CONTAINS
PROPIETARY INFORMATION OF
SULLINS ELECTRONICS AND IS NOT
TO BE REPRODUCED, USED OR
DISCLOSED TO OTHERS FOR ANY
PURPOSE EXCEPT AS SPECIFICALLY
AUTHORIZED IN WRITING BY AN
OFFICER OF SULLINS ELECTRONICS.
EDGECARD, .100 CC LP
_ _ C _ _ DRA _
FILE NAME: Z:\COMPONENTS\Part Assemblies\Customer Drawings\Customer Drawings for Catalog\C10876, _ _C_ _DRA_ PRINT: 5/8/2008
DESCRIPTION
01-19-07
PART NUMBER
CUSTOMER COPY
C
_ _ C _ _ DRAN
D
.135 3.43
4X
.125 3.18
_ _ C _ _ DRAS
.125
FOR
3.18
SIDE MOUNTING
.100 2.54
.156 3.96
.185 4.70
.043
MIN
1.09
A
D
PCB LAYOUT
(#OF POSITIONS-1) X .100
.065 1.65
.065 1.65
_ _ C_ _DRAB
'B' MOUNTING CONNECTORS AVAILABLE
IN ANY POSITION COUNT FROM 1 TO 65
_ _ C _ _ DRAI
THREADED INSERT
2X #4-40
D
.280 7.11
_ _ C _ _ DRAF
D
2X FLOATING BOBBIN
.116[2.95] CLEARANCE
FOR # 4 SCREW



Html Pages

1 2 3